Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB811 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BB811
Description  Silicon Variable Capacitance Diode (Frequency range up to 2 GHz; special design for use in TV-sat indoor units)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BB811 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BB811 Datasheet HTML 1Page - Siemens Semiconductor Group BB811 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Group
1
BB 811
Silicon Variable Capacitance Diode
BB 811
q
Frequency range up to 2 GHz;
special design for use in TV-sat indoor units
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BB 811
Q62702-B478
white T
SOD-123
Parameter
Symbol
Values
Unit
Reverse voltage
VR
30
V
Forward current, TA
60 ˚C
IF
20
mA
Operating temperature range
Top
– 55 … + 125
˚C
Storage temperature range
Tstg
– 55 … + 150
Thermal Resistance
Junction - ambient
Rth JA
450
K/W
1)
For detailed information see chapter Package Outlines.
07.94


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BB831 Silicon Variable Capacitance Diode Frequency range up to 2 GHz special design for use in TV-sat indoor units 1  2  3  Siemens Semiconductor Group
BB833 Silicon Tuning Diode Extented frequency range up to 2.5 GHz; special design for use in TV-SAT indoor units 1  2  Siemens Semiconductor Group
BB835 Silicon Tuning Diode Extended frequency range up to 2.8 Ghz ; special design for use in TV-sat indoor units 1  2  Siemens Semiconductor Group
BB837 Silicon Tuning Diode Extented frequency range up to 2.8 GHz special design for use in TV-sat indoor units 1  2  3  Siemens Semiconductor Group
BB814 Silicon Variable Capacitance Diode For FM radio tuners with extended frequency band High tuning ratio at low supply voltage car radio 1  2  3  Siemens Semiconductor Group
BB619 Silicon Variable Capacitance Diode For tuning of extended frequency bands in VHF TV/VTR tuners 1  2  Siemens Semiconductor Group
BB619C Silicon Variable Capacitance Diode For tuning of extended frequency band in VHF TV/ VTR tuners 1  2  3  Siemens Semiconductor Group
BB914 Silicon Variable Capacitance Diode For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio 1  2  3  Siemens Semiconductor Group
BB639 Silicon Variable Capacitance Diode For tuning of extended frequency bands in VHF TV/VTR tuners 1  2  3  Siemens Semiconductor Group
BB639C Silicon Variable Capacitance Diode For tuning of extended frequency band in VHF TV / VTR tuners 1  2  3  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn