Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIE818DF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIE818DF
Description  N-Channel 75-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE818DF Datasheet(HTML) 2 Page - Vishay Siliconix

  SIE818DF Datasheet HTML 1Page - Vishay Siliconix SIE818DF Datasheet HTML 2Page - Vishay Siliconix SIE818DF Datasheet HTML 3Page - Vishay Siliconix SIE818DF Datasheet HTML 4Page - Vishay Siliconix SIE818DF Datasheet HTML 5Page - Vishay Siliconix SIE818DF Datasheet HTML 6Page - Vishay Siliconix SIE818DF Datasheet HTML 7Page - Vishay Siliconix SIE818DF Datasheet HTML 8Page - Vishay Siliconix SIE818DF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 74485
S09-1338-Rev. B, 13-Jul-09
Vishay Siliconix
SiE818DF
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Maximum under Steady State conditions is 68 °C/W.
c. Measured at source pin (on the side of the package).
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
t
≤ 10 s
RthJA
20
24
°C/W
Maximum Junction-to-Case (Drain Top)
Steady State
RthJC (Drain)
0.8
1
Maximum Junction-to-Case (Source)a, c
RthJC (Source)
2.2
2.7
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
75
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
78
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 7.1
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
1.5
2.1
3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 75 V, VGS = 0 V
1
µA
VDS = 75 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
25
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 16 A
0.0078
0.0095
Ω
VGS = 4.5 V, ID = 14 A
0.0103
0.0125
Forward Transconductancea
gfs
VDS = 20 V, ID = 16 A
50
S
Dynamicb
Input Capacitance
Ciss
VDS = 38 V, VGS = 0 V, f = 1 MHz
3200
pF
Output Capacitance
Coss
330
Reverse Transfer Capacitance
Crss
170
Total Gate Charge
Qg
VDS = 38 V, VGS = 10 V, ID = 16 A
63
95
nC
VDS = 38 V, VGS = 4.5 V, ID = 16 A
33
50
Gate-Source Charge
Qgs
11
Gate-Drain Charge
Qgd
17
Gate Resistance
Rg
f = 1 MHz
0.95
1.5
Ω
Turn-On Delay Time
td(on)
VDD = 38 V, RL = 3.8 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
30
45
ns
Rise Time
tr
150
225
Turn-Off Delay Time
td(off)
40
60
Fall Time
tf
15
25
Turn-On Delay Time
td(on)
VDD = 38 V, RL = 3.8 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
15
25
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
40
60
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
60
A
Pulse Diode Forward Currenta
ISM
80
Body Diode Voltage
VSD
IS = 10 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
100
150
ns
Body Diode Reverse Recovery Charge
Qrr
345
520
nC
Reverse Recovery Fall Time
ta
75
ns
Reverse Recovery Rise Time
tb
25


Similar Part No. - SIE818DF

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIE818DF TFUNK-SIE818DF Datasheet
192Kb / 10P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SIE818DF-T1-E3 VISHAY-SIE818DF-T1-E3 Datasheet
230Kb / 10P
   N-Channel 75 V (D-S) MOSFET
01-Jan-2022
SIE818DF-T1-GE3 VISHAY-SIE818DF-T1-GE3 Datasheet
230Kb / 10P
   N-Channel 75 V (D-S) MOSFET
01-Jan-2022
SIE818DF VISHAY-SIE818DF_V01 Datasheet
230Kb / 10P
   N-Channel 75 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIE818DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Analog Power
AM230N07-03B ANALOGPOWER-AM230N07-03B Datasheet
334Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-04B ANALOGPOWER-AM90N07-04B Datasheet
364Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-09B ANALOGPOWER-AM90N07-09B Datasheet
336Kb / 5P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SUM110N08-07 VISHAY-SUM110N08-07 Datasheet
51Kb / 5P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 21-Oct-02
SI7174DP VISHAY-SI7174DP Datasheet
513Kb / 13P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com