Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC779 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIC779
Description  Integrated DrMOS Power Stage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC779 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIC779 Datasheet HTML 1Page - Vishay Siliconix SIC779 Datasheet HTML 2Page - Vishay Siliconix SIC779 Datasheet HTML 3Page - Vishay Siliconix SIC779 Datasheet HTML 4Page - Vishay Siliconix SIC779 Datasheet HTML 5Page - Vishay Siliconix SIC779 Datasheet HTML 6Page - Vishay Siliconix SIC779 Datasheet HTML 7Page - Vishay Siliconix SIC779 Datasheet HTML 8Page - Vishay Siliconix SIC779 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Document Number: 67538
S11-0703-Rev. B, 18-Apr-11
www.vishay.com
3
Vishay Siliconix
SiC779
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Typical limits are established by characterization and are not production tested.
b. Guaranteed by design.
Note:
a. Min. and Max. are not 100 % production tested.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VDSBL# = VSMOD = 5 V,
VIN = 12 V, VVDRV = VVCIN 5 V,
TA = 25 °C
Min.
Typ.a
Max.
Unit
Power Supplies
VCIN Control Input Current
IVCIN
VDSBL# = 0 V, no switching
60
µA
VDSBL# = 5 V, no switching
400
VDSBL# = 5 V, fs = 300 kHz, D = 0.1
600
Drive Input Current (Dynamic)
IVDRV
fs = 300 kHz, D = 0.1
15
22
mA
fs = 1000 kHz, D = 0.1
48
70
Bootstrap Supply
Bootstrap Switch Forward Voltage
VBS Diode
VVCIN = 5 V, forward bias current 2 mA
0.60
0.75
V
Control Inputs (PWM, DSBL#, SMOD)
PWM Rising Threshold
Vth_pwm_r
3.5
3.8
4.2
V
PWM Falling Threshold
Vth_pwm_f
0.8
1.0
1.2
PWM Tristate Rising Threshold
Vth_tri_r
0.9
1.3
1.8
PWM Tristate Falling Threshold
Vth_tri_f
3.4
3.7
4.0
PWM Tristate Rising Threshold Hysteresis
Vhys_tri_r
300
mV
PWM Tristate Falling Threshold Hysteresis
Vhys_tri_f
170
Tristate Hold-Off Timeb
tTSHO
150
ns
PWM Input Current
IPWM
VPWM = 5 V
250
µA
VPWM = 0 V
- 250
SMOD, DSBL# Logic Input Voltage
VLOGIC_LH
Rising (low to high)
2
V
VLOGIC_LH
Falling (high to low)
0.8
Pull Down Impedance
RTHDN
5 k
 resistor pull-up to V
CIN
40
THDN Output Low
VTHDNL
0.07
V
Protection
Thermal Warning Flag Set
150
°C
Thermal Warning Flag Clear
135
Thermal Warning Flag Hysteresis
15
Under Voltage Lockout
VUVLO
Rising, on threshold
3.3
3.9
V
Under Voltage Lockout
Falling, off threshold
2.5
2.9
Under Voltage Lockout Hysteresis
VUVLO_HYST
400
mV
High Side Gate Discharge Resistorb
RHS_DSCRG
VVDRV = VVCIN = 0 V; VIN = 12 V
20.2
k
TIMING SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VVDRV = VVCIN = VDSBL# = 5 V,
VVIN = 12 V, TA = 25 °C
Min.
Typ.
Max.
Unit
Turn Off Propagation Delay
High Sidea
td_on_HS
25 % of PWM to 90 % of GH
10
20
30
ns
Rise Time High Side
tr_HS
10 % to 90 % of GH
8
Fall Time High Side
tf_HS
90 % to 10 % of GH
8
Turn Off Propagation Delay
Low Sidea
td_off_LS
75 % of PWM to 90 % of GL
10
20
30
Rise Time Low Side
tr_LS
10 % to 90 % of GL
15
Fall Time Low Side
tf_LS
90 % to 10 % of GL
8
Dead Time Rising
tdead_on
10 % of GL to 10 % of GH
15
Dead Time Falling
tdead_off
10 % of GH to 10 % of GL
15


Similar Part No. - SIC779

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC779 VISHAY-SIC779 Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
SIC779CD-T1-GE3 VISHAY-SIC779CD-T1-GE3 Datasheet
369Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC779CD-T1-GE3 VISHAY-SIC779CD-T1-GE3 Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
SIC779DB VISHAY-SIC779DB Datasheet
369Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC779DB VISHAY-SIC779DB Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
More results

Similar Description - SIC779

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
SIC772CD VISHAY-SIC772CD Datasheet
303Kb / 13P
   DrMOS Integrated Power Stage
Rev. B, 10-Jun-13
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
   Integrated DrMOS Power Stage
Rev. F, 16-May-11
SIC769AC VISHAY-SIC769AC Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
Rev. B, 18-Jan-10
SIC762CD VISHAY-SIC762CD_V01 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
SIC779 VISHAY-SIC779_V01 Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
SIC769ACD VISHAY-SIC769ACD_V01 Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
08-Feb-17
SIC762CD VISHAY-SIC762CD Datasheet
542Kb / 18P
   Integrated DrMOS Power Stage
Rev. A, 08-Feb-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com