Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC762CD-T1-GE3 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SIC762CD-T1-GE3
Description  Integrated DrMOS Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC762CD-T1-GE3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SIC762CD-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 14Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Vishay Siliconix
SiC762CD
Document Number: 65727
S10-0275-Rev. A, 08-Feb-10
www.vishay.com
11
ELECTRICAL CHARACTERISTICS
Startup with VIN ramping up
VIN = 12 V, VOUT = 1.2 V, FS = 500 kHz
Enable with VIN = 12 V, VOUT = 1.2 V, FS = 500 kHz
PWM Start with VIN = 12 V, VOUT = 1.2 V, FS = 500 kHz
VDRV/VCIN: 2 V/div
VIN: 5 V/div
VO: 0.5 V/div
t: 2 ms/div
PWM: 3 V/div
DSBL#:
VSWH: 5 V/div
t: 20 µs/div.
2 V/div
VO: 0.5 V/div
VDRV/VCIN: 2 V/div
VIN: 5 V/div
VO: 0.5 V/div
t: 50 µs/div
PWM: 3 V/div
Power Off with VIN ramping down
VIN = 12 V, VOUT = 1.2 V, FS = 500 kHz
Disable with VIN = 12 V, VOUT = 1.2 V, FS = 500 kHz
PWM Turn-off with VIN = 12 V, VOUT = 1.2 V, FS = 500 kHz
VDRV/VCIN: 2 V/div
VO: 0.5 V/div
PWM: 3 V/div
t: 20 ms/div
VSWH: 5 V/div
DSBL#: 2 V/div
VO: 0.5 V/div
t: 0.5 ms/div
VDRV/VCIN: 2 V/div
VIN: 5 V/div
VO: 0.5 V/div
t: 500 µs/div
PWM: 3 V/div


Similar Part No. - SIC762CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC762CD-T1-GE3 VISHAY-SIC762CD-T1-GE3 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
More results

Similar Description - SIC762CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
SIC772CD VISHAY-SIC772CD Datasheet
303Kb / 13P
   DrMOS Integrated Power Stage
Rev. B, 10-Jun-13
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
   Integrated DrMOS Power Stage
Rev. F, 16-May-11
SIC779 VISHAY-SIC779 Datasheet
372Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC769AC VISHAY-SIC769AC Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
Rev. B, 18-Jan-10
SIC762CD VISHAY-SIC762CD_V01 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
SIC779 VISHAY-SIC779_V01 Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
SIC769ACD VISHAY-SIC769ACD_V01 Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com