Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC762CD-T1-GE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIC762CD-T1-GE3
Description  Integrated DrMOS Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC762CD-T1-GE3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIC762CD-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Vishay Siliconix
SiC762CD
Document Number: 65727
S10-0275-Rev. A, 08-Feb-10
www.vishay.com
7
SMOD OPERATION DIAGRAM
PIN CONFIGURATION
Figure 4
DSBL
SMOD
PWM
GH
GL
VSW
IL > 0
IL = 0
td(ON)
td(OFF)
Figure 5 - PowerPAK MLP 6 x 6 40P Pin Out - Top View
VIN
P2
AGND
P1
VSWH
P3
30 VSWH
29 VSWH
28 PGND
27 PGND
26 PGND
25 PGND
24 PGND
23 PGND
22 PGND
21 PGND
SMOD 1
VCIN 2
VDRV 3
BOOT 4
CGND 5
GH 6
PHASE 7
VIN 8
VIN 9
VIN 10
PIN DESCRIPTION
Pin Number
Symbol
Description
1
SMOD
Disable low side gate operation. Active low.
2VCIN
This will be the bias supply input for control IC (5 V).
3VDRV
IC bias supply and gate drive supply voltage (5 V).
4
BOOT
High side driver bootstrap voltage pin for external bootstrap capacitor.
5, 37, PAD1
CGND
Control signal ground. It should be connected to PGND externally. All pins internally connected.
6
GH
Gate signal output pin for high side MOSFET. Pin for monitoring.
7
PHASE
Return pin for the HS bootstrap capacitor. Connect a 0.1 µF ceramic capacitor from this pin to the boot pin (4).
8 to 14, PAD2
VIN
Input voltage for power stage. It is the drain of the high-side MOSFET.
15, 29 to 35,
PAD3
VSWH
It is the phase node between high side MOSFET source and low side MOSFET drain. It should be connected
to an output inductor. All pins internally connected.
16 to 28
PGND
Power ground.
36
GL
Gate signal output pin for low side MOSFET. Pin for monitoring.
38
THDN
Thermal shutdown open drain output. Use a 10K pull up resistor to VCIN.
39
DSBL#
Disable pin. Active low.
40
PWM
PWM input logic signal. Compatible with Tristate controller function.


Similar Part No. - SIC762CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC762CD-T1-GE3 VISHAY-SIC762CD-T1-GE3 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
More results

Similar Description - SIC762CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
SIC772CD VISHAY-SIC772CD Datasheet
303Kb / 13P
   DrMOS Integrated Power Stage
Rev. B, 10-Jun-13
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
   Integrated DrMOS Power Stage
Rev. F, 16-May-11
SIC779 VISHAY-SIC779 Datasheet
372Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC769AC VISHAY-SIC769AC Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
Rev. B, 18-Jan-10
SIC762CD VISHAY-SIC762CD_V01 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
SIC779 VISHAY-SIC779_V01 Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
SIC769ACD VISHAY-SIC769ACD_V01 Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com