Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC413CB-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIC413CB-T1-E3
Description  microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC413CB-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIC413CB-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SIC413CB-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SIC413CB-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SIC413CB-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SIC413CB-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SIC413CB-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SIC413CB-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SIC413CB-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SIC413CB-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Vishay Siliconix
SiC413
Document Number: 69057
S09-2250-Rev. D, 26-Oct-09
www.vishay.com
1
microBUCKTM SiC413
4-A, 26-V Integrated Synchronous Buck Regulator
DESCRIPTION
The SiC413 is an integrated, dc-to-dc power conversion
solution with built-in PWM-optimized high- and low-side
N-channel MOSFETs and advanced PWM controller. The
SiC413 provides a quick and easy to use POL voltage
regulation solution for a wide range of applications. Vishay
Siliconix’s Proprietary packaging technology is used to
optimize the power stage and minimize power losses
associated with parasitic impedances and switching delays.
The co-packaged Gen III TrenchFET power MOSFET
devices
deliver
higher
efficiency
than
lateral
DMOS
monolithic solutions.
FEATURES
Integrated PWM controller and Gen III
trench MOSFETs
Quick and easy single chip converter
Integrated current sense
Cycle by cycle over-current protection
Built-In bootstrap diode
Output over-voltage protection
Under voltage lockout
Thermal shutdown
Soft start
Break-before-make operation
Halogen-free according to IEC 61249-2-21 definition
Compliant to RoHS directive 2002/95/EC
APPLICATIONS
LCD TV, set top box and DVD player
Desktop PC and server
Add-in graphics board
Memory, FPGA or µP device power supplies
Point of load dc-to-dc conversion
Telecom and networking equipment
TYPICAL APPLICATION
PRODUCT SUMMARY
Input Voltage Range
4.75 V to 26 V
Output Voltage Range
0.6 V to 13.2 V
Operating Frequency
500 kHz
Continuous Output Current
4 A
Peak Efficiency
93 %
Highside/Lowside RDS_ON
35 m
Ω/19 mΩ
Package
SO-8
Figure 1 - Typical Application Circuit
Enable
VIN
VO
Controller
BOOT
VSW
FB
COMP
EN
1
2
3
4
5
6
7
8
SiC413


Similar Part No. - SIC413CB-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC413CB-T1-E3 VISHAY-SIC413CB-T1-E3 Datasheet
377Kb / 18P
   microBUCKTM SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
Rev. D, 26-Oct-09
SIC413CB-T1-E3 VISHAY-SIC413CB-T1-E3 Datasheet
434Kb / 18P
   microBUCK짰 SiC413 4 A, 26 V Integrated Synchronous Buck Regulator
01-Jan-2022
More results

Similar Description - SIC413CB-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC413 VISHAY-SIC413_13 Datasheet
377Kb / 18P
   microBUCKTM SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
Rev. D, 26-Oct-09
SIC413 VISHAY-SIC413_V01 Datasheet
434Kb / 18P
   microBUCK짰 SiC413 4 A, 26 V Integrated Synchronous Buck Regulator
01-Jan-2022
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
POWERICS VISHAY-POWERICS Datasheet
4Mb / 12P
   microBUCK® Highly Integrated Synchronous Buck Regulators
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com