Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC403DB Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIC403DB
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403DB Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIC403DB Datasheet HTML 4Page - Vishay Siliconix SIC403DB Datasheet HTML 5Page - Vishay Siliconix SIC403DB Datasheet HTML 6Page - Vishay Siliconix SIC403DB Datasheet HTML 7Page - Vishay Siliconix SIC403DB Datasheet HTML 8Page - Vishay Siliconix SIC403DB Datasheet HTML 9Page - Vishay Siliconix SIC403DB Datasheet HTML 10Page - Vishay Siliconix SIC403DB Datasheet HTML 11Page - Vishay Siliconix SIC403DB Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.vishay.com
8
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
Vishay Siliconix
SiC403
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
VOUT Ripple in Power Save Mode (No Load)
(VIN = 12 V, VOUT = 1 V)
Transient Response in Continuous Conduction Mode
(6 A to 0.2 A)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz)
Transient Response in Power Save Mode
(6 A to 0.2 A)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz at 6 A)
Ch2: Output ripple Voltage (20mV/div)
Ch1: LX Switching Node (5V/div)
Time: 20 μs/div
Ch3: Output Current (2A/div)
Ch2: Output Voltage (50mV/div)
Time: 5 μs/div
Ch3: Output Current (2A/div)
Ch2: Output Voltage (50mV/div)
Time: 10 μs/div
VOUT Ripple in Continuous Conduction Mode (No Load)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz)
Transient Response in Continuous Conduction Mode
(0.2 A to 6 A)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz)
Transient Response in Power Save Mode
(0.2 A to 6 A)
(VIN = 12 V, VOUT = 1 V, FSW = 500 kHz at 6 A)
Ch2: Output ripple Voltage (20mV/div)
Ch1: LX Switching Node (5V/div)
Time: 2 μs/div
Ch3: Output Current (2A/div)
Ch2: Output Voltage (50mV/div)
Time: 5 μs/div
Ch3: Output Current (2A/div)
Ch2: Output Voltage (50mV/div)
Time: 10 μs/div


Similar Part No. - SIC403DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403DB VISHAY-SIC403DB Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SiC403DB VISHAY-SiC403DB Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403DB VISHAY-SIC403DB Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403DB VISHAY-SIC403DB Datasheet
1Mb / 27P
   6 A microBUCK짰 SiC403A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC403DB VISHAY-SIC403DB Datasheet
624Kb / 26P
   microBUCK짰 SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
01-Jan-2019
More results

Similar Description - SIC403DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403_V01 Datasheet
624Kb / 26P
   microBUCK짰 SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
01-Jan-2019
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
   10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com