Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC403CD-T1-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC403CD-T1-GE3
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403CD-T1-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC403CD-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.vishay.com
4
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
Vishay Siliconix
SiC403
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. This device is ESD sensitive. Use of standard ESD handling precautions is required.
b. Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specififed in the Electrical Characteristics section is not recommended.
Thermal Resistance, Junction-to-Ambientb
High-Side MOSFET
Low-Side MOSFET
PWM Controller and LDO Thermal Resistance
25
20
50
°C/W
Peak IR Reflow Temperature
TReflow
-
260
°C
THERMAL RESISTANCE RATINGS
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 12 V, VDD = 5 V, TA = + 25 °C for typ.,
- 25 °C to + 85 °C for min. and max.,
TJ = < 125 °C
Min.
Typ.
Max.
Unit
Input Supplies
VIN UVLO Threshold Voltage
a
VIN_UV+
Sensed at ENL pin, rising edge
2.4
2.6
2.95
V
VIN_UV-
Sensed at ENL pin, falling edge
2.235
2.4
2.565
VIN UVLO Hysteresis
VIN_UV_HY
EN/PSV = High
0.2
VDD UVLO Threshold Voltage
VDD_UV+
Measured at VDD pin, rising edge
2.5
2.9
3
VDD_UV-
Measured at VDD pin, falling edge
2.4
2.7
2.9
VDD UVLO Hysteresis
VDD_UV_HY
0.2
VIN Supply Current
IIN
EN/PSV, ENL = 0 V, VIN = 28 V
8.5
20
µA
Standby mode:
ENL = VDD, EN/PSV = 0 V
130
VDD Supply Current
IVDD
EN/PSV, ENL = 0 V
3
7
EN/PSV = VDD, no load (fSW = 25 kHz),
VFB > 750 mV
b
2
mA
fSW = 250 kHz, EN/PSV = floating, no load
b
10
Controller
FB On-Time Threshold
VFB-TH
Static VIN and load, - 40 °C to + 85 °C
0.7425
0.750
0.7599
V
Frequency Rangeb
FPWM
continuous mode
200
1000
kHz
Bootstrap Switch Resistance
10
Timing
On-Time
tON
Continuous mode operation VIN = 15 V,
VOUT = 5 V, Rton = 300 k
2386
2650
2915
ns
Minimum On-Timeb
tON
80
Minimum Off-Timeb
tOFF
320
Soft Start
Soft Start Timeb
tSS
IOUT = ILIM/2
1.7
ms
Analog Inputs/Outputs
VOUT Input Resistance
RO-IN
500
k
Current Sense
Zero-Crossing Detector Threshold Voltage
VSense-th
LX-PGND
- 3.5
0.5
+ 4.7
mV
Power Good
Power Good Threshold Voltage
PG_VTH_UPPER
VFB > internal reference 750 mV
+ 20
%
Power Good Threshold Voltage
PG_VTH_LOWER
VFB < internal reference 750 mV
- 10
Start-Up Delay Time
PG_Td
Css = 10 nF
12
ms
Fault (noise-immunity) Delay Timeb
PG_ICC
VEN = 0 V
5
µs
Power Good Leakage Current
PG_ILK
VEN = 0 V
1
µA


Similar Part No. - SIC403CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403CD-T1-GE3 VISHAY-SIC403CD-T1-GE3 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403CD-T1-GE3 VISHAY-SIC403CD-T1-GE3 Datasheet
624Kb / 26P
   microBUCK짰 SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
01-Jan-2019
More results

Similar Description - SIC403CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403_V01 Datasheet
624Kb / 26P
   microBUCK짰 SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
01-Jan-2019
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
   10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com