Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO3086DWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3086DWR
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO3086DWR Datasheet(HTML) 2 Page - Texas Instruments

  ISO3086DWR Datasheet HTML 1Page - Texas Instruments ISO3086DWR Datasheet HTML 2Page - Texas Instruments ISO3086DWR Datasheet HTML 3Page - Texas Instruments ISO3086DWR Datasheet HTML 4Page - Texas Instruments ISO3086DWR Datasheet HTML 5Page - Texas Instruments ISO3086DWR Datasheet HTML 6Page - Texas Instruments ISO3086DWR Datasheet HTML 7Page - Texas Instruments ISO3086DWR Datasheet HTML 8Page - Texas Instruments ISO3086DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISO3080, ISO3086
ISO3082, ISO3088
SLOS581D – MAY 2008 – REVISED JANUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VCC
Input supply voltage, (2) VCC1, VCC2
–0.3 to 6
V
VO
Voltage at any bus I/O terminal
–9 to 14
V
VIT
Voltage input, transient pulse, A, B, Y, and Z (through 100
Ω, see Figure 11)
–50 to 50
V
VI
Voltage input at any D, DE or RE terminal
–0.5 to 7
V
IO
Receiver output current
±10
mA
Bus pins and GND1
±6
JEDEC Standard 22,
Human Body Model
Bus pins and GND2
±16
kV
Test Method A114-C.01
All pins
±4
Electrostatic
ESD
discharge
JEDEC Standard 22,
Charged Device
±1
kV
Model
Test Method C101
All pins
Machine Model
ANSI/ESDS5.2-1996
±200
V
TJ
Maximum junction temperature
150
°C
TSTG
Operating junction temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VCC1
Logic-side supply voltage (1)
3.15
5.5
V
VCC2
Bus-side supply voltage(1)
4.5
5
5.5
V
VOC
Voltage at either bus I/O terminal
A, B
–7
12
V
VIH
High-level input voltage
2
VCC
D, DE, RE
V
VIL
Low-level input voltage
0
0.8
A with respect to B
–12
12
VID
Differential input voltage
V
Dynamic (ISO3086)
see Figure 14
RL
Differential input resistance
54
60
Driver
–60
60
IO
Output current
mA
Receiver
–8
8
TJ
Operating junction temperature
–40
85
°C
(1)
For 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V. For 3.3-V operation, VCC1 is specified from 3.15 V to 3.6V.
SUPPLY CURRENT
over recommended operating condition (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RE at 0 V or VCC, DE at 0 V or VCC1
3.3-V VCC1
8
ICC1
Logic-side supply current
mA
RE at 0 V or VCC, DE at 0 V or VCC1
5-V VCC1
10
ICC2
Bus-side supply current
RE at 0 V or VCC, DE at 0 V, No load
15
mA
2
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088


Similar Part No. - ISO3086DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3086DWR TI-ISO3086DWR Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3086DWR TI-ISO3086DWR Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3086DWR TI-ISO3086DWR Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3086DWR TI1-ISO3086DWR Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
ISO3086DWRG4 TI-ISO3086DWRG4 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
More results

Similar Description - ISO3086DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
ISO3080 TI-ISO3080_09 Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com