Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB689 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BB689
Description  Silicon Tuning Diode (For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BB689 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BB689 Datasheet HTML 1Page - Siemens Semiconductor Group BB689 Datasheet HTML 2Page - Siemens Semiconductor Group BB689 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BB 689
Semiconductor Group
Mar-11-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Values
Symbol
Unit
typ.
max.
min.
DC characteristics
IR
-
-
nA
Reverse current
VR = 30 V
10
IR
Reverse current
VR = 30 V, TA = 85 °C
-
-
200
µA
AC characteristics
61.5
47.2
3
2.9
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 2 V, f = 1 MHz
VR = 25 V, f = 1 MHz
VR = 28 V, f = 1 MHz
pF
CT
56.5
43.4
2.8
2.7
51
39.6
2.6
2.5
Capacitance ratio
VR = 2 V, VR = 25 V, f = 1 MHz
CT2/CT25
-
17
15.5
14.5
Capacitance ratio
VR = 1 V, VR = 28 V, f = 1 MHz
20.9
23.2
18
CT1/CT28
-
∆C
T/CT
-
Capacitance ratio 1)
VR = 1 V, VR = 28 V, f = 1 MHz
%
2
0.85
rs
-
Series resistance
VR = 8 V, f = 470 MHz
-
Series inductance chip to ground
Ls
-
0.6
-
nH
1) In-line matching. For details please refer to Application Note 047
Semiconductor Group
2
1998-11-01


Similar Part No. - BB689

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BB689 INFINEON-BB689 Datasheet
404Kb / 3P
   Silicon Tuning Diode
Mar-27-2003
BB689 INFINEON-BB689 Datasheet
88Kb / 8P
   Silicon Tuning Diode
2007-04-20
BB689-02V INFINEON-BB689-02V Datasheet
404Kb / 3P
   Silicon Tuning Diode
Mar-27-2003
BB689-02V INFINEON-BB689-02V Datasheet
88Kb / 8P
   Silicon Tuning Diode
2007-04-20
More results

Similar Description - BB689

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB669 SIEMENS-BB669 Datasheet
13Kb / 3P
   Silicon Tuning Diode (For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series resistance)
BB659 SIEMENS-BB659 Datasheet
16Kb / 3P
   Silicon Tuning Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB641 SIEMENS-BB641 Datasheet
44Kb / 3P
   Silicon Variable Capacitance Diode (For VHF Hyperband TV/TR tuners High capacitance ratio Low series resistance)
BB664 SIEMENS-BB664 Datasheet
13Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB659C SIEMENS-BB659C Datasheet
16Kb / 3P
   Silicon Variable Capacitance Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB545 SIEMENS-BB545 Datasheet
21Kb / 3P
   Silicon Tuning Diode (For tuning UHF and VHF TV Tuners Large capacitance ratio, low series resistance)
BB555 SIEMENS-BB555 Datasheet
18Kb / 4P
   Silicon Tuning Diode (For UHF-TV-tuners High capacitance ratio Low series inductance)
BB644 SIEMENS-BB644 Datasheet
25Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance)
BB565 SIEMENS-BB565 Datasheet
18Kb / 4P
   Silicon Variable Capacitance Diode (For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB515 SIEMENS-BB515 Datasheet
24Kb / 2P
   Silicon Variable Capacitance Diode (For UHF and VHF TV/VTR tuners Large capacitance ratio Low series resistance)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com