Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIB900EDK-T1-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIB900EDK-T1-GE3
Description  Dual N-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIB900EDK-T1-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIB900EDK-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIB900EDK-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIB900EDK-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIB900EDK-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIB900EDK-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIB900EDK-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIB900EDK-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIB900EDK-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIB900EDK-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 64808
S09-0667-Rev. A, 20-Apr-09
Vishay Siliconix
SiB900EDK
New Product
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Normalized On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
- 50
- 25
0
25
50
75
100
125
150
VGS =1.5 V;ID =0.4 A
VGS =4.5 V,2.5 V,1.8V;ID =1.6 A
TJ -Junction Temperature (°C)
0.0
0.2
0.4
0.6
0.8
1.0
01
2
3
45
TJ = 25 °C
TJ = 125 °C
ID =1.6 A
VGS - Gate-to-Source Voltage (V)
0.4
0.5
0.6
0.7
0.8
0.9
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
Source-Drain Diode Forward Voltage
Single Pulse Power, Junction-to-Ambient
Safe Operating Area, Junction-to-Ambient
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
TJ = 25 °C
VSD -Source-to-Drain Voltage (V)
0
2
4
6
8
Time (s)
10
1000
0.1
0.01
0.001
100
1
10
0.1
0.1
1
10
1
TA = 25 °C
Single Pulse
1ms
0.01
10 ms
100 ms
1s,10s
DC
BVDSS Limited
100
100 µs
Limited byRDS(on)*
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified


Similar Part No. - SIB900EDK-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIB900EDK VISHAY-SIB900EDK Datasheet
138Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
01-Jan-2022
SIB900EDK VISHAY-SIB900EDK_V01 Datasheet
138Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIB900EDK-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com