Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2EUSB30_1012 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPD2EUSB30_1012
Description  2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2EUSB30_1012 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD2EUSB30_1012 Datasheet HTML 3Page - Texas Instruments TPD2EUSB30_1012 Datasheet HTML 4Page - Texas Instruments TPD2EUSB30_1012 Datasheet HTML 5Page - Texas Instruments TPD2EUSB30_1012 Datasheet HTML 6Page - Texas Instruments TPD2EUSB30_1012 Datasheet HTML 7Page - Texas Instruments TPD2EUSB30_1012 Datasheet HTML 8Page - Texas Instruments TPD2EUSB30_1012 Datasheet HTML 9Page - Texas Instruments TPD2EUSB30_1012 Datasheet HTML 10Page - Texas Instruments TPD2EUSB30_1012 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30
www.ti.com
SLVSAC2A – AUGUST 2010 – REVISED DECEMBER 2010
Figure 11. Output Eye Diagram Without
Figure 12. Output Eye Diagram with the
TPD2EUSB30/A (Figure 8 Setup, 5 Gbps Data Rate)
TPD2EUSB30/A (Figure 8 Setup, 5 Gbps Data Rate)
Figure 13. Output Eye Diagram Without the
Figure 14. Output Eye Diagram with the
TPD4EUSB30 (5 Gbps Data Rate)
TPD4EUSB30 (5 Gbps Data Rate)
Figure 15. TPDxEUSB30/A EVM – TPD4EUSB30
Figure 16. TPDxEUSB30/A EVM – TPD2EUSB30/A
Side
Side
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30


Similar Part No. - TPD2EUSB30_1012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
More results

Similar Description - TPD2EUSB30_1012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
logo
TECH PUBLIC Electronics...
TPD2EUSB30DRTR-TP TECHPUBLIC-TPD2EUSB30DRTR-TP Datasheet
2Mb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
logo
First Silicon Co., Ltd
FPD2EUSB30ADRTR FS-FPD2EUSB30ADRTR Datasheet
333Kb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD1E10B09DPYR FS-FPD1E10B09DPYR Datasheet
680Kb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD2EUSB30DRTR FS-FPD2EUSB30DRTR Datasheet
434Kb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com