Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2365AIDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2365AIDR
Description  50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2365AIDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2365AIDR Datasheet HTML 6Page - Texas Instruments OPA2365AIDR Datasheet HTML 7Page - Texas Instruments OPA2365AIDR Datasheet HTML 8Page - Texas Instruments OPA2365AIDR Datasheet HTML 9Page - Texas Instruments OPA2365AIDR Datasheet HTML 10Page - Texas Instruments OPA2365AIDR Datasheet HTML 11Page - Texas Instruments OPA2365AIDR Datasheet HTML 12Page - Texas Instruments OPA2365AIDR Datasheet HTML 13Page - Texas Instruments OPA2365AIDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
OPA365
OPA2365
SBOS365D − JUNE 2006 − REVISED JUNE 2009
www.ti.com
10
A simplified schematic illustrating the rail-to-rail input
circuitry is shown in Figure 5.
CAPACITIVE LOADS
The OPA365 may be used in applications where driving
a capacitive load is required. As with all op amps, there
may be specific instances where the OPA365 can be-
come unstable, leading to oscillation. The particular op
amp circuit configuration, layout, gain and output load-
ing are some of the factors to consider when establish-
ing whether an amplifier will be stable in operation. An
op amp in the unity-gain (+1V/V) buffer configuration
and driving a capacitive load exhibits a greater tenden-
cy to be unstable than an amplifier operated at a higher
noise gain. The capacitive load, in conjunction with the
op amp output resistance, creates a pole within the
feedback loop that degrades the phase margin. The
degradation of the phase margin increases as the ca-
pacitive loading increases.
When operating in the unity-gain configuration, the
OPA365 remains stable with a pure capacitive load up
to approximately 1nF. The equivalent series resistance
(ESR) of some very large capacitors (CL > 1µF) is suffi-
cient to alter the phase characteristics in the feedback
loop such that the amplifier remains stable. Increasing
the amplifier closed-loop gain allows the amplifier to
drive increasingly larger capacitance. This increased
capability is evident when observing the overshoot re-
sponse of the amplifier at higher voltage gains. See the
typical characteristic graph, Small-Signal Overshoot
vs. Capacitive Load.
One technique for increasing the capacitive load drive
capability of the amplifier operating in unity gain is to in-
sert a small resistor, typically 10
Ω to 20Ω, in series with
the output; see Figure 6. This resistor significantly re-
duces the overshoot and ringing associated with large
capacitive loads. A possible problem with this technique
is that a voltage divider is created with the added series
resistor and any resistor connected in parallel with the
capacitive load. The voltage divider introduces a gain
error at the output that reduces the output swing. The
error contributed by the voltage divider may be insignifi-
cant. For instance, with a load resistance, RL = 10kΩ,
and RS = 20Ω, the gain error is only about 0.2%. Howev-
er, when RL is decreased to 600Ω, which the OPA365
is able to drive, the error increases to 7.5%.
Regulated
Charge Pump
V
OU T =VCC +1.8V
Patent Pending
Very Low Ripple
Topology
I
BIAS
V
CC +1.8V
I
BI A S
I
BI A S
I
BIAS
V
S
I
BIAS
V
OU T
V
IN
V
IN+
Figure 5. Simplified Schematic
10
Ω to
20
V+
V
IN
V
OUT
R
S
R
L
C
L
OPA365
Figure 6. Improving Capacitive Load Drive


Similar Part No. - OPA2365AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2365AQDRQ1 TI1-OPA2365AQDRQ1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
More results

Similar Description - OPA2365AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV365-Q1 TI-TLV365-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TLV365-Q1 Automotive, 50-MHz, Zero-Crossover, Low-Distortion, High-CMRR, RRI/O, Single-Supply Operational Amplifier
JUNE 2023
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com