Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F28M35H20B1RFPS Datasheet(PDF) 11 Page - Texas Instruments

Part # F28M35H20B1RFPS
Description  Concerto Microcontrollers
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35H20B1RFPS Datasheet(HTML) 11 Page - Texas Instruments

Back Button F28M35H20B1RFPS Datasheet HTML 7Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 8Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 9Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 10Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 11Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 12Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 13Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 14Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
F28M35H20B1, F28M35H20C1
F28M35H22B1, F28M35H22C1, F28M35H32B1, F28M35H32C1
F28M35H50B1, F28M35H50C1, F28M35H52B1, F28M35H52C1
www.ti.com
SPRS742B
– JUNE 2011 – REVISED OCTOBER 2011
2.2
Memory Maps
Section 2.2.1 shows the Control Subsystem Memory Map. Section 2.2.2 shows the Master Subsystem
Memory Map.
2.2.1
Control Subsystem Memory Map
Table 2-2. Control Subsystem M0, M1 RAM
C Address
Size
C DMA Access(1)
Control Subsystem M0, M1 RAM
(x16 Aligned)(1)
(Bytes)
no
0000 0000
– 0000 03FF
M0 RAM (ECC)
2K
no
0000 0400
– 0000 07FF
M1 RAM (ECC)
2K
(1)
The letter
"C" refers to the Control Subsystem.
Table 2-3. Control Subsystem Peripheral Frame 0 (Includes Analog)
C Address
Control Subsystem Peripheral Frame 0
Size
C DMA Access(1)
(x16 Aligned)(1)
(Includes Analog)
(Bytes)
0000 0800
– 0000 087F
Reserved
Control Subsystem Device Configuration Registers (Read
no
0000 0880
– 0000 0890
34
Only)
0000 0891
– 0000 0ADF
Reserved
no
0000 0AE0
– 0000 0AEF
C28x CSM Registers
32
0000 0AF0
– 0000 0AFF
Reserved
yes
0000 0B00
– 0000 0B0F
ADC1 Result Registers
32
0000 0B10
– 0000 0B3F
Reserved
yes
0000 0B40
– 0000 0B4F
ADC2 Result Registers
32
0000 0B50
– 0000 0BFF
Reserved
no
0000 0C00
– 0000 0C07
CPU Timer 0
16
no
0000 0C08
– 0000 0C0F
CPU Timer 1
16
no
0000 0C10
– 0000 0C17
CPU Timer 2
16
0000 0C18
– 0000 0CDF
Reserved
no
0000 0CE0
– 0000 0CFF
PIE Registers
64
no
0000 0D00
– 0000 0DFF
PIE Vector Table
512
no
0000 0E00
– 0000 0EFF
PIE Vector Table Copy (Read Only)
512
0000 0F00
– 0000 0FFF
Reserved
no
0000 1000
– 0000 11FF
C28x DMA Registers
1K
0000 1200
– 0000 16FF
Reserved
no
0000 1700
– 0000 177F
Analog Subsystem Control Registers
256
0000 1780
– 0000 3FFF
Reserved
(1)
The letter
"C" refers to the Control Subsystem.
Copyright
© 2011, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback


Similar Part No. - F28M35H20B1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H20B1RFPS TI1-F28M35H20B1RFPS Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
F28M35H20B1RFPS TI1-F28M35H20B1RFPS Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
More results

Similar Description - F28M35H20B1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com