Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIB488DK Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIB488DK
Description  N-Channel 12 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIB488DK Datasheet(HTML) 7 Page - Vishay Siliconix

  SIB488DK Datasheet HTML 1Page - Vishay Siliconix SIB488DK Datasheet HTML 2Page - Vishay Siliconix SIB488DK Datasheet HTML 3Page - Vishay Siliconix SIB488DK Datasheet HTML 4Page - Vishay Siliconix SIB488DK Datasheet HTML 5Page - Vishay Siliconix SIB488DK Datasheet HTML 6Page - Vishay Siliconix SIB488DK Datasheet HTML 7Page - Vishay Siliconix SIB488DK Datasheet HTML 8Page - Vishay Siliconix SIB488DK Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Vishay Siliconix
Package Information
Document Number: 73000
06-Aug-07
www.vishay.com
1
PowerPAK® SC75-6L
DIM
SINGLE PAD
DUAL PAD
MILLIMETERS
INCHES
MILLIMETERS
INCHES
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
A
0.675
0.75
0.80
0.027
0.030
0.032
0.675
0.75
0.80
0.027
0.030
0.032
A1
0
-
0.05
0
-
0.002
0
-
0.05
0
-
0.002
b
0.18
0.25
0.33
0.007
0.010
0.013
0.18
0.25
0.33
0.007
0.010
0.013
C
0.15
0.20
0.25
0.006
0.008
0.010
0.15
0.20
0.25
0.006
0.008
0.010
D
1.53
1.60
1.70
0.060
0.063
0.067
1.53
1.60
1.70
0.060
0.063
0.067
D1
0.57
0.67
0.77
0.022
0.026
0.030
0.34
0.44
0.54
0.013
0.017
0.021
D2
0.10
0.20
0.30
0.004
0.008
0.012
E
1.53
1.60
1.70
0.060
0.063
0.067
1.53
1.60
1.70
0.060
0.063
0.067
E1
1.00
1.10
1.20
0.039
0.043
0.047
0.51
0.61
0.71
0.020
0.024
0.028
E2
0.20
0.25
0.30
0.008
0.010
0.012
E3
0.32
0.37
0.42
0.013
0.015
0.017
e
0.50 BSC
0.020 BSC
0.50 BSC
0.020 BSC
K
0.180 TYP
0.007 TYP
0.245 TYP
0.010 TYP
K1
0.275 TYP
0.011 TYP
0.320 TYP
0.013 TYP
K2
0.200 TYP
0.008 TYP
0.200 BSC
0.008 TYP
K3
0.255 TYP
0.010 TYP
K4
0.300 TYP
0.012 TYP
L
0.15
0.25
0.35
0.006
0.010
0.014
0.15
0.25
0.35
0.006
0.010
0.014
T
0.03
0.08
0.13
0.001
0.003
0.005
ECN: C-07431
− Rev. C, 06-Aug-07
DWG: 5935
BACKSIDE VIEW OF SINGLE
BACKSIDE VIEW OF DUAL
Notes:
1. All dimensions are in millimeters
2. Package outline exclusive of mold flash and metal burr
3. Package outline inclusive of plating
e
b
e
b
K1
K2
K3
K2
K1
K2
K2
PIN6
PIN5
PIN4
D1
D2
D1
D1
PIN6
PIN5
PIN4
PIN1
PIN2
PIN3
DETAIL Z
DA
A1
Z
z
PIN2
PIN1
PIN3


Similar Part No. - SIB488DK

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIB488DK TFUNK-SIB488DK Datasheet
233Kb / 9P
   N-Channel 12 V (D-S) MOSFET
More results

Similar Description - SIB488DK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com