Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO3086 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3086
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO3086 Datasheet(HTML) 4 Page - Texas Instruments

  ISO3086 Datasheet HTML 1Page - Texas Instruments ISO3086 Datasheet HTML 2Page - Texas Instruments ISO3086 Datasheet HTML 3Page - Texas Instruments ISO3086 Datasheet HTML 4Page - Texas Instruments ISO3086 Datasheet HTML 5Page - Texas Instruments ISO3086 Datasheet HTML 6Page - Texas Instruments ISO3086 Datasheet HTML 7Page - Texas Instruments ISO3086 Datasheet HTML 8Page - Texas Instruments ISO3086 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
0 or
I I
VI
V
CC1
DE
A
B
VOB
VOA
VOD
IOA
IOB
GND1
GND1
GND2
V
CC1
GND2
375 W
60 W
+
V
OD
D
DE
GND 2
V
CC2
A
B
0 V or 3 V
375 W
–7 V to 12 V
ISO3080, ISO3086
ISO3082, ISO3088
SLOS581D – MAY 2008 – REVISED JANUARY 2011
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT(+)
Positive-going input threshold voltage
IO = –8 mA
–85
–10
mV
VIT(–)
Negative-going input threshold voltage
IO = 8 mA
–200
–115
mV
Vhys
Hysteresis voltage (VIT+ – VIT–)
30
mV
3.3-V VCC1
VCC1-0.4
3.1
VID = 200 mV, IO = –8 mA,
VOH
High-level output voltage
V
See Figure 7
5-V VCC1
4
4.8
3.3-V VCC1
0.15
0.4
VID = –200 mV, IO = 8 mA,
VOL
Low-level output voltage
V
See Figure 7
5-V VCC1
0.15
0.4
IO(Z)
High-impedance state output current
VI = –7 to 12 V, Other input = 0 V
–1
1
mA
VA or VB = 12 V
0.04
0.1
VA or VB = 12 V, VCC = 0
0.06
0.13
Other input
II
Bus input current
mA
at 0 V
VA or VB = –7 V
–0.1
–0.04
VA or VB = –7 V, VCC = 0
–0.05
–0.03
IIH
High-level input current, RE
VIH = 2 V
–10
10
mA
IIL
Low-level input current, RE
VIL = 0.8 V
–10
10
mA
RID
Differential input resistance
A, B
48
k
Test input signal is a 1.5 MHz sine wave with 1Vpp
CD
Differential input capacitance
7
pF
amplitude. CD is measured across A and B.
RECEIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay
90
125
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
See Figure 8
4
12
tr, tf
Output signal rise and fall time
1
ns
tPHZ,
Propagation delay, high-level-to-high-impedance output
See Figure 9, DE at 0 V
22
ns
tPZH
Propagation delay, high-impedance-to-high-level output
tPZL,
Propagation delay, high-impedance-to-low-level output
See Figure 10, DE at 0 V
22
ns
tPLZ
Propagation delay, low-level-to-high-impedance output
(1)
Also known as pulse skew.
PARAMETER MEASUREMENT INFORMATION
Figure 1. Driver VOD Test and Current Definitions
Figure 2. Driver VOD With Common-Mode Loading
Test Circuit
Note: Unless otherwise stated, test circuits are shown for half-duplex devices, ISO3082 & ISO3088. For
full-duplex devices, driver output pins are Y and Z.
4
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088


Similar Part No. - ISO3086

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3086 TI-ISO3086 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3086 TI-ISO3086 Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3086 TI-ISO3086 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3086DW TI-ISO3086DW Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3086DW TI-ISO3086DW Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
More results

Similar Description - ISO3086

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
ISO3080 TI-ISO3080_09 Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com