Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F28M35H22B1 Datasheet(PDF) 9 Page - Texas Instruments

Part # F28M35H22B1
Description  Concerto Microcontrollers
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35H22B1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button F28M35H22B1 Datasheet HTML 5Page - Texas Instruments F28M35H22B1 Datasheet HTML 6Page - Texas Instruments F28M35H22B1 Datasheet HTML 7Page - Texas Instruments F28M35H22B1 Datasheet HTML 8Page - Texas Instruments F28M35H22B1 Datasheet HTML 9Page - Texas Instruments F28M35H22B1 Datasheet HTML 10Page - Texas Instruments F28M35H22B1 Datasheet HTML 11Page - Texas Instruments F28M35H22B1 Datasheet HTML 12Page - Texas Instruments F28M35H22B1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
F28M35H20B1, F28M35H20C1
F28M35H22B1, F28M35H22C1, F28M35H32B1, F28M35H32C1
F28M35H50B1, F28M35H50C1, F28M35H52B1, F28M35H52C1
www.ti.com
SPRS742B
– JUNE 2011 – REVISED OCTOBER 2011
2.1
Device Characteristics
Table 2-1 lists the features of the F28M35Hx devices.
Table 2-1. Hardware Features
FEATURE
TYPE
(1)
H20B1
H20C1
H22B1
H22C1
H32B1
H32C1
H50B1
H50C1
H52B1
H52C1
Master Subsystem
— ARM
® Cortex™-M3
Speed (MHz)
100
(2)
100
(2)
100
(2)
100
(2)
100
(2)
100
(2)
100
(2)
100
(2)
100
(2)
100
(2)
Flash (KB)
256
256
256
256
256
512
512
512
512
512
RAM ECC (KB)
16
16
16
16
16
16
16
16
16
16
RAM Parity (KB)
16
16
16
16
16
16
16
16
16
16
IPC Message RAM Parity (KB)
2
2
2
2
2
2
2
2
2
2
Security Zones
2
2
2
2
2
2
2
2
2
2
10/100 ENET 1588 MII
0
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
USB OTG FS
0
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
Synchronous Serial Interface (SSI)/
0
4
4
4
4
4
4
4
4
4
4
Serial Peripheral Interface (SPI)
Universal Asynchronous Receiver/Transmitter (UART)
0
5
5
5
5
5
5
5
5
5
5
Inter-integrated circuit (I2C)
0
2
2
2
2
2
2
2
2
2
2
Controller Area Network (CAN)
0
2
2
2
2
2
2
2
2
2
2
Direct Memory Access (
µDMA)
0
32-ch
32-ch
32-ch
32-ch
32-ch
32-ch
32-ch
32-ch
32-ch
32-ch
External Peripheral Interface (EPI)
0
1
1
1
1
1
1
1
1
1
1
Micro Cyclic Redundancy Check (
µCRC) Module
0
1
1
1
1
1
1
1
1
1
1
General-Purpose Timers
4
4
4
4
4
4
4
4
4
4
Watchdog Timer Modules
2
2
2
2
2
2
2
2
2
2
Control Subsystem
— C28x Floating-Point Unit (FPU)/Viterbi, Complex Math, CRC Unit (VCU)
Speed (MHz)
150
150
150
150
150
150
150
150
150
150
Flash (KB)
256
256
256
256
512
256
512
512
512
512
RAM ECC (KB)
20
20
20
20
20
20
20
20
20
20
RAM Parity (KB)
16
16
16
16
16
16
16
16
16
16
IPC Message RAM Parity (KB)
2
2
2
2
2
2
2
2
2
2
Security Zones
1
1
1
1
1
1
1
1
1
1
Enhanced Pulse Width Modulator (ePWM) modules
2
9: 18 outputs
High-Resolution PWM outputs
2
16 outputs
Enhanced Capture (eCAP) modules/
0
6 (32-bit)
PWM outputs
Enhanced Quadrature Encoder (eQEP) modules
0
3 (32-bit)
Fault Trip Zones
12 on any of 64 GPIO pins
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the
basic functionality of the module. These device-specific differences are listed in the TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) and in the
peripheral reference guides.
(2)
An integer divide ratio must be maintained between the C28x and Cortex
™-M3 clock frequencies; thus, when the C28x is configured to run at maximum frequency of 150 MHz, the fastest
allowable frequency for the Cortex
™-M3 will be 75 MHz.
Copyright
© 2011, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback


Similar Part No. - F28M35H22B1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H22B1 TI1-F28M35H22B1 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H22B1RFPQ TI1-F28M35H22B1RFPQ Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
F28M35H22B1RFPQ TI1-F28M35H22B1RFPQ Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H22B1RFPS TI1-F28M35H22B1RFPS Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
F28M35H22B1RFPS TI1-F28M35H22B1RFPS Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
More results

Similar Description - F28M35H22B1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com