Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCH010505DN7 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DCH010505DN7
Description  MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCH010505DN7 Datasheet(HTML) 2 Page - Texas Instruments

  DCH010505DN7 Datasheet HTML 1Page - Texas Instruments DCH010505DN7 Datasheet HTML 2Page - Texas Instruments DCH010505DN7 Datasheet HTML 3Page - Texas Instruments DCH010505DN7 Datasheet HTML 4Page - Texas Instruments DCH010505DN7 Datasheet HTML 5Page - Texas Instruments DCH010505DN7 Datasheet HTML 6Page - Texas Instruments DCH010505DN7 Datasheet HTML 7Page - Texas Instruments DCH010505DN7 Datasheet HTML 8Page - Texas Instruments DCH010505DN7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
DCH01 Series
SBVS073H – NOVEMBER 2006 – REVISED JANUARY 2009........................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
For the most current package and ordering information, see the Package Option Addendum at the end of this
data sheet, or see the TI website at www.ti.com.
Part Numbering Scheme
INPUT
OUTPUT
PIN
TRANSPORT
PRODUCT LINE
POWER
VOLTAGE
VOLTAGE
SINGLE/DUAL
PACKAGE
CONFIG
MEDIA
DCH
01
05
05
S
N
7
H = 3 kV, unregulated output 01 = 1 W
05 = 5 V
05 = 5 V
S = Single
N = SIP Thru-hole
7 = SIP-7
Blank = Tray
12 =12 V
D = Dual
T = Tape & Reel
15 = 15 V
DCH01 Products
OUTPUT
OUTPUT
ISOLATION
INPUT VOLTAGE
VOLTAGE
CURRENT
OUTPUT POWER
VOLTAGE
MODEL
(V)
(V)
(mA)
(W)
(kVDC)
PACKAGE-LEAD
DCH010505S
5 ± 10%
5
200
1
3
SIP-7
DCH010512S
5 ± 10%
12
83
1
3
SIP-7
DCH010515S
5 ± 10%
15
67
1
3
SIP-7
DCH010505D
5 ± 10%
±5
±100
1
3
SIP-7
DCH010512D
5 ± 10%
±12
±42
1
3
SIP-7
DCH010515D
5 ± 10%
±15
±33
1
3
SIP-7
over operating free-air temperature range (unless otherwise noted)
(1)
DCH01 SERIES
UNIT
Input Voltage
5V input models
7
V
Wave soldering
Surface temperature of module body or pins for 5 seconds maximum
260
°C
temperature
Storage temperature range
–55 to +125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): DCH01 Series


Similar Part No. - DCH010505DN7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCH010505DN7 TI-DCH010505DN7 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH010505DN7T TI-DCH010505DN7T Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCH010505DN7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCH01 TI-DCH01_15 Datasheet
372Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH010505S TI1-DCH010505S Datasheet
410Kb / 16P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP02_0711 TI-DCP02_0711 Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI1-DCP02_14 Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com