Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA920DJ-T1-GE3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIA920DJ-T1-GE3
Description  Dual N-Channel 8 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA920DJ-T1-GE3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIA920DJ-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIA920DJ-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIA920DJ-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIA920DJ-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIA920DJ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIA920DJ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIA920DJ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 63299
S11-1381-Rev. A, 11-Jul-11
www.vishay.com
5
Vishay Siliconix
SiA920DJ
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
3
6
9
12
15
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Package Limited
Power Derating
0
2
4
6
8
25
50
75
100
125
150
TC - Case Temperature (°C)


Similar Part No. - SIA920DJ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIA920DJ TFUNK-SIA920DJ Datasheet
293Kb / 9P
   Dual N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SIA920DJ VISHAY-SIA920DJ Datasheet
964Kb / 9P
   Dual N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA920DJ VISHAY-SIA920DJ_V01 Datasheet
964Kb / 9P
   Dual N-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA920DJ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA920DJ VISHAY-SIA920DJ_V01 Datasheet
964Kb / 9P
   Dual N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA414DJ VISHAY-SIA414DJ Datasheet
235Kb / 3P
   Dual N-Channel 8-V (D-S) MOSFET
Rev. A, 06-Aug-07
logo
Vishay Telefunken
SIA920DJ TFUNK-SIA920DJ Datasheet
293Kb / 9P
   Dual N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com