Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2540F128RHAR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC2540F128RHAR
Description  2.4-GHz Bluetooth low energy System-on-Chip
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2540F128RHAR Datasheet(HTML) 3 Page - Texas Instruments

  CC2540F128RHAR Datasheet HTML 1Page - Texas Instruments CC2540F128RHAR Datasheet HTML 2Page - Texas Instruments CC2540F128RHAR Datasheet HTML 3Page - Texas Instruments CC2540F128RHAR Datasheet HTML 4Page - Texas Instruments CC2540F128RHAR Datasheet HTML 5Page - Texas Instruments CC2540F128RHAR Datasheet HTML 6Page - Texas Instruments CC2540F128RHAR Datasheet HTML 7Page - Texas Instruments CC2540F128RHAR Datasheet HTML 8Page - Texas Instruments CC2540F128RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
RESET
WATCHDOG
TIMER
IRQ CTRL
FLASH CTRL
DEBUG
INTERFACE
CLOCK MUX
and
CALIBRATION
DMA
8051 CPU
CORE
32-MHz
CRYSTAL OSC
OP-AMP
32.768-kHz
CRYSTAL OSC
HIGH-
SPEED
RC-OSC
POWER MANAGEMENT CONTROLLER
USART 0
USB
USART 1
TIMER 1 (16-Bit)
TIMER 3 (8-Bit)
TIMER 4 (8-Bit)
TIMER 2
(BLE LL TIMER)
FLASH
SRAM
SRAM
FIFOCTRL
1 KB SRAM
ON-CHIP VOLTAGE
REGULATOR
POWER-ON RESET
BROWN OUT
VDD (2 V–3.6 V)
DCOUPL
RESET_N
XOSC_Q2
XOSC_Q1
P2_4
P1_7
P0_7
P2_3
P1_6
P0_6
P2_2
P1_5
P0_5
P1_2
P0_2
P2_1
P1_4
P0_4
P1_1
P0_1
P2_0
P1_3
P0_3
P1_0
P0_0
MODULATOR
DEMODULATOR
RECEIVE
TRANSMIT
RF_P
RF_N
B0301-05
RADIO REGISTERS
DS
ADC
AUDIO/DC
AES
ENCRYPTION
AND
DECRYPTION
MEMORY
ARBITRATOR
FLASH
RAM
UNIFIED
SFR
IRAM
XRAM
PDATA
SLEEP TIMER
32-kHz
RC-OSC
DIGITAL
ANALOG
MIXED
ANALOG COMPARATOR
USB_N
USB_P
Link Layer Engine
CC2540F128, CC2540F256
www.ti.com
SWRS084B
– OCTOBER 2010 – REVISED JULY 2011
Copyright
© 2010–2011, Texas Instruments Incorporated
3


Similar Part No. - CC2540F128RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128RHAR TI1-CC2540F128RHAR Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F128RHAR TI1-CC2540F128RHAR Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F128RHAR TI1-CC2540F128RHAR Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
More results

Similar Description - CC2540F128RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI1-CC2541 Datasheet
972Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
logo
Texas Instruments
CC2540F128 TI1-CC2540F128 Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com