Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA414DJ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIA414DJ
Description  N-Channel 8-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA414DJ Datasheet(HTML) 3 Page - Vishay Siliconix

  SIA414DJ Datasheet HTML 1Page - Vishay Siliconix SIA414DJ Datasheet HTML 2Page - Vishay Siliconix SIA414DJ Datasheet HTML 3Page - Vishay Siliconix SIA414DJ Datasheet HTML 4Page - Vishay Siliconix SIA414DJ Datasheet HTML 5Page - Vishay Siliconix SIA414DJ Datasheet HTML 6Page - Vishay Siliconix SIA414DJ Datasheet HTML 7Page - Vishay Siliconix SIA414DJ Datasheet HTML 8Page - Vishay Siliconix SIA414DJ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 73954
S-80435-Rev. B, 03-Mar-08
www.vishay.com
3
Vishay Siliconix
SiA414DJ
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
8
16
24
32
40
0.0
0.4
0.8
1.2
1.6
2.0
VDS - Drain-to-Source Voltage (V)
VGS = 5 thru 2 V
1.5 V
1 V
0
0.01
0.02
0.03
0.04
0.05
0.06
0
8
16
24
32
40
ID - Drain Current (A)
VGS = 1.2 V
VGS = 4.5 V
VGS = 1.5 V
VGS = 1.8 V
VGS = 2.5 V
0
1
2
3
4
5
0
3
6
9
12
15
18
21
Qg - Total Gate Charge (nC)
VDS = 6.4 V
VDS = 4 V
ID = 10 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
0.0
0.3
0.6
0.9
1.2
1.5
TC = 125 °C
TC = 25 °C
TC = - 55 °C
Crss
VDS - Drain-to-Source Voltage (V)
0
500
1000
1500
2000
2500
02
4
6
8
Coss
Ciss
TJ - Junction Temperature (°C)
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 50
- 25
0
25
50
75
100
125
150
ID = 9.7 A
VGS = 1.8 V, 2.5 V, 4.5 V
VGS = 1.5 V


Similar Part No. - SIA414DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA414DJ VISHAY-SIA414DJ Datasheet
235Kb / 3P
   Dual N-Channel 8-V (D-S) MOSFET
Rev. A, 06-Aug-07
SIA414DJ VISHAY-SIA414DJ_V01 Datasheet
211Kb / 9P
   N-Channel 8-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA414DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI1050X VISHAY-SI1050X_08 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com