Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9913DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9913DY
Description  Half-Bridge MOSFET Driver for Switching Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9913DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9913DY Datasheet HTML 1Page - Vishay Siliconix SI9913DY Datasheet HTML 2Page - Vishay Siliconix SI9913DY Datasheet HTML 3Page - Vishay Siliconix SI9913DY Datasheet HTML 4Page - Vishay Siliconix SI9913DY Datasheet HTML 5Page - Vishay Siliconix SI9913DY Datasheet HTML 6Page - Vishay Siliconix SI9913DY Datasheet HTML 7Page - Vishay Siliconix SI9913DY Datasheet HTML 8Page - Vishay Siliconix SI9913DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Si9913
Vishay Siliconix
www.vishay.com
2
Document Number: 71343
S-40133—Rev. B, 16-Feb-04
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Low Side Driver Supply Voltage
VDD
7.0
Input Voltage on IN
VIN
−0.3 to VDD +0.3
Synchronous Pin Voltage
VSYN
−0.3 to VDD +0.3
V
Bootstrap Voltage
VBOOT
35.0
High Side Driver (Bootstrap) Supply Voltage
VBOOT − VS
7.0
Operating Junction Temperature Range
TJ
−40 to 125
_C
Storage Temperature Range
Tstg
−40 to 150
_C
Power Dissipation (Note a and b)
PD
830
mW
Thermal Impedance
qJA
125
°C/W
Lead Temperature (soldering 10 Sec)
300
°C
Notes
a.
Device mounted with all leads soldered to P.C. Board
b.
Derate 8.3 W/_C above 25_C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Limit
Unit
Bootstrap Voltage (High-Side Drain Voltage)
VBOOT
4.5 to 30
V
Logic Supply
VDD
4.5 to 5.5
V
Bootstrap Capacitor
CBOOT
100 n to 1 m
F
Ambient Temperature
TA
−40 to 85
_C
SPECIFICATIONS
Test Conditions Unless Specified
Limits
Parameter
Symbol
VBOOT = 4.5 to 30 V, VDD = 4.5 to 5.5 V
TA = −40 to 85_C
Mina
Typb
Maxa
Unit
Power Supplies
VDD Supply
VDD
4.5
5.5
IDD Supply
IDD1 (en)
SYN = H, IN = H, VS = 0 V
1000
IDD Supply
IDD2(en)
SYN = H, IN = L, VS = 0 V
500
mA
IDD Supply
IDD3(dis)
SYN = L, IN = X, VS = V
500
mA
IDD Supply
IDD4(en)
SYN = H, IN = X, VS = 25 V, VBOOT = 30 V
200
IDD Supply
IDD5(dis)
SYN = L, IN = X, VS = 25 V, VBOOT = 30 V
200
IDD Supply
IDD(en)
FIN = 300 kHz, SYN = High, Driving Si4412DY
9
IDD Supply
IDD(dis)
FIN = 300 kHz, SYN = Low, Driving Si4412DY
5
mA
Boot Strap Current
IBOOT
VBOOT = 30 V, VS = 25 V, VOUTH = H
0.9
3
Reference Voltage
Break-Before-Make Reference Voltage
VBBM
1.1
3
V
Logic Inputs (SYN, IN)
Input High
VIH
0.7 VDD
VDD + 0.3
Input Low
VIL
−0.3
0.3 VDD
V
Undervoltage Lockout
VDD Undervoltage
VUVL
VDD Rising
3.7
4.3
V
VDD Undervoltage Hysteresis
VHYST
0.4
V


Similar Part No. - SI9913DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9913 VISHAY-SI9913 Datasheet
52Kb / 6P
   Dual MOSFET Bootstrapped Driver with Break-Before-Make
Rev. A, 21-Dec-00
More results

Similar Description - SI9913DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9912 VISHAY-SI9912 Datasheet
95Kb / 8P
   Half-Bridge MOSFET Driver for Switching Power Supplies
Rev. B, 16-Feb-04
SI9912 VISHAY-SI9912_V01 Datasheet
166Kb / 10P
   Half-Bridge MOSFET Driver for Switching Power Supplies
01-Jan-2022
logo
Toshiba Semiconductor
TPD7211F TOSHIBA-TPD7211F Datasheet
253Kb / 13P
   Power MOSFET Gate Driver for half-bridge
TPD7211F TOSHIBA-TPD7211F_13 Datasheet
254Kb / 13P
   Power MOSFET Gate Driver for half-bridge
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
   Half-Bridge MOSFET Driver
MIC5022 MICREL-MIC5022 Datasheet
130Kb / 9P
   Half-Bridge MOSFET Driver
logo
Linear Dimensions Semic...
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158 Datasheet
426Kb / 20P
   Half Bridge N-Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com