Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9175DM-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9175DM-T1-E3
Description  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9175DM-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9175DM-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Si9175
Vishay Siliconix
Document Number: 71728
S-41148—Rev. C, 14-Jun-04
www.vishay.com
3
SPECIFICATIONS
Parameter
Limits
Test Conditions Unless Specified
−40_C to 85_C, VIN = VDD,, CIN = 10 mF, COUT = 4.7 mF
L = 2.2 mH, 2.6 V v VIN v 5.5 V, R1 = 11.3 kW, R2 = 20 kW
Unit
Maxa
Typb
Mina
Test Conditions Unless Specified
−40_C to 85_C, VIN = VDD,, CIN = 10 mF, COUT = 4.7 mF
L = 2.2 mH, 2.6 V v VIN v 5.5 V, R1 = 11.3 kW, R2 = 20 kW
Symbol
Modef
Converter Operation
Maximum Output
Current
PWM
ILOAD
VIN = 3.6 V
600
mA
Maximum Output
Current
PSM
ILOAD
VIN = 3.6 V
150
mA
Dropout Voltagee
VDD
VIN = 2.6 V, IOUT = 600 mA
190
300
mV
Closed Loop Bandwidth
BW
300
kHz
Load Regulationc
PWM
VIN = 3.6 V
IOUT = 30 mA to 600 mA
0.5
%
Load Regulationc
PSM
VIN = 3.6 V
VOUT = 1.9 V @ 25_C
IOUT = 30 mA to 75 mA
0.25
%
Line Regulation
PWM
VOUT = 3 0 V VIN = 3 5 V to 5 5 V
"0.1
%/V
Line Regulation
PSM
VOUT = 3.0 V, VIN = 3.5 V to 5.5 V
"0.1
%/V
PWM/PSM Switch Threshold Current
IAUpk
200
mA
Maximum Inductor Peak Current Limit
ILpk
1500
mA
On Resistance
P-Channel
rDS( )
VIN = 3 6 V
250
mW
On Resistance
N-Channel
rDS(on)
VIN = 3.6 V
250
mW
Output Ripple Voltage
PWM
0 05 W COUT(ESR)
IOUT = 600 mA
60
mV
Output Ripple Voltage
PSM
0.05 W COUT(ESR)
IOUT = 30 mA
80
mVp-p
Efficiency
PWM
VIN = 3 6 V VOUT = 3 3 V
IOUT = 600 mA
90
%
Efficiency
PSM
VIN = 3.6 V, VOUT = 3.3 V
IOUT = 30 mA
80
%
Frequency
PSM
IOUT w 30 mA
20
kHz
Supply Current
Input Supply Current
PWM
ISUPPLY
(VDD &
IOUT = 0 mA VIN = 3 6 V (not switching FB = GND)
450
750
Input Supply Current
PSM
(VDD &
VIN)
IOUT = 0 mA, VIN = 3.6 V (not switching, FB = GND)
400
mA
Shutdown Supply Current
ISD
SD = Low
2
Thermal Shutdown
Thermal Shutdown Temperaturec
TJ(S/D)
165
_C
Thermal Hysteresisc
20
_C
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
b.
Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
c.
Guaranteed by design.
d.
Settling times, ts, apply after ten.
e.
Bypass is a device mode of operation, in which, the device is in 100% duty cycle. Bypass operation is possible in either PWM or PSM.
f.
Operating modes are controlled with the MODE pin where Auto mode = MODE = LOW, PWM Mode = MODE = HIGH, and PSM mode = MODE = OPEN.


Similar Part No. - SI9175DM-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9175DB VISHAY-SI9175DB Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9175DH-T1 VISHAY-SI9175DH-T1 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
More results

Similar Description - SI9175DM-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SI9176 VISHAY-SI9176 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9176 VISHAY-SI9176_04 Datasheet
288Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
   High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
Rev. C, 14-jun-04
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com