Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9140CQ-T1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI9140CQ-T1
Description  MP Controller For High Performance Process Power Supplies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9140CQ-T1 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI9140CQ-T1 Datasheet HTML 1Page - Vishay Siliconix SI9140CQ-T1 Datasheet HTML 2Page - Vishay Siliconix SI9140CQ-T1 Datasheet HTML 3Page - Vishay Siliconix SI9140CQ-T1 Datasheet HTML 4Page - Vishay Siliconix SI9140CQ-T1 Datasheet HTML 5Page - Vishay Siliconix SI9140CQ-T1 Datasheet HTML 6Page - Vishay Siliconix SI9140CQ-T1 Datasheet HTML 7Page - Vishay Siliconix SI9140CQ-T1 Datasheet HTML 8Page - Vishay Siliconix SI9140CQ-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Si9140
Vishay Siliconix
Document Number: 70026
S-40699—Rev. H, 19-Apr-04
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS OTHERWISE NOTED)
100
200
300
400
500
600
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
100
200
300
400
500
600
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0.01
0.10
1.00
10.00
0.8
0.9
1.0
1.1
1.2
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Switching Frequency vs. Supply Voltage
VDD − Supply Voltage (V)
ROSC = 7.50 kW
COSC = 100 pF
Frequency vs. ROSC/COSC
COSC − Capacitance (pF)
4.99 kW
12.1 kW
24.9 kW
49.9 kW
100 kW
249 kW
40
300
200
DS Sourcing vs. Supply Voltage
VDD − Supply Voltage (V)
DS Sinking Current vs. Supply Voltage
VDD − Supply Voltage (V)
115
135
155
175
195
215
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
20
30
40
50
60
70
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Enable Turn-OFF Delay to Output
UVLO Hysteresis vs. Supply Voltage
VDD − Supply Voltage (V)
VDD − Supply Voltage (V)


Similar Part No. - SI9140CQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9140CQ VISHAY-SI9140CQ Datasheet
470Kb / 15P
   SMP Controller For High Performance Process Power Supplies
Rev. G, 15-Mar-99
More results

Similar Description - SI9140CQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9140 VISHAY-SI9140_V01 Datasheet
272Kb / 19P
   MP Controller For High Performance Process Power Supplies
01-Jan-2022
SI9140 VISHAY-SI9140 Datasheet
470Kb / 15P
   SMP Controller For High Performance Process Power Supplies
Rev. G, 15-Mar-99
logo
ON Semiconductor
NCP1910 ONSEMI-NCP1910 Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
December, 2012 ??Rev. 1
NCP1910 ONSEMI-NCP1910_V01 Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
ON Semiconductor
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
logo
Tyco Electronics
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
   High Performance RFI Power Line Filters for Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com