Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9176 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI9176
Description  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9176 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI9176_04 Datasheet HTML 1Page - Vishay Siliconix SI9176_04 Datasheet HTML 2Page - Vishay Siliconix SI9176_04 Datasheet HTML 3Page - Vishay Siliconix SI9176_04 Datasheet HTML 4Page - Vishay Siliconix SI9176_04 Datasheet HTML 5Page - Vishay Siliconix SI9176_04 Datasheet HTML 6Page - Vishay Siliconix SI9176_04 Datasheet HTML 7Page - Vishay Siliconix SI9176_04 Datasheet HTML 8Page - Vishay Siliconix SI9176_04 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Si9176
Vishay Siliconix
Document Number: 71753
S-41148—Rev. C, 14-Jun-04
www.vishay.com
5
FUNCTIONAL BLOCK DIAGRAM
+
Error
Amplifier
+
PWM
Comparator
Voltage
Reference,
UVLO
2 MHz
Oscillator
To IC Bias
PWM and
Pulse
Skipping
Logic
PMOS
Current Sense
VDD
VIN
FB
AGND
MODE SD
PGND
LX
2 MHz
Oscillator
Clamp
REF
Si9176
AGND
DETAIL DESCRIPTION
General
The Si9176 is a high efficiency synchronous dc-dc converter
that is ideally suited for lithium ion battery or three cell alkaline
applications, as well as step-down of 3.3-V or 5.0-V supplies.
The major blocks of the Si9176 are shown in the Functional
Block Diagram. The 0.25-W internal MOSFETs switching at a
frequency of 2-MHz minimize PC board space while providing
high conversion efficiency and performance. The high
frequency error-amplifier with built-in loop compensation
minimizes external components and provides rapid output
settling times of <30 ms. Sensing of the inductor current for
control is accomplished internally without power wasting
resistors.
Start-Up
When voltage is applied to VIN and VDD, the under-voltage
lockout (UVLO) circuit prevents the oscillator and control
circuitry from turning on until the voltage on the exceeds 2.4 V.
With a typical UVLO hysteresis of 0.1 V, the converter
operates continuously until the voltage on VIN drops below
2.3 V, whereupon the converter shuts down. This hysteresis
prevents false start-stop cycling as the input voltage
approaches the UVLO switching threshold. Start-up is always
accomplished in PWM mode to ensure start-up under all load
conditions. Switching to other modes of operation occurs
according to the state of the MODE pin and the load current.
The start-up sequence occurs after SD switches from LOW to
HIGH with VIN applied, or after VIN rises above the UVLO
threshold and SD is a logic HIGH.
Mode Control (MODE)
The MODE pin allows the user to control the mode of operation
or to enable the Si9176 to automatically optimize the mode of
operation according to load current. There are three different
modes of operation as controlled by the MODE pin. Switching
waveforms are shown in the Typical Switching Waveform
sections, page 9.
PWM Mode (MODE pin = HIGH)
With the MODE pin in the logic HIGH condition, the Si9176
operates as a 2-MHz fixed frequency voltage mode converter.
A NMOS synchronous rectification MOSFET transistor
provides very high conversion efficiency for large load currents
by minimizing the conduction losses. PWM mode provides low
output ripple, fast transient response, and switching frequency
synchronization. Output load currents can range from 0 to
600 mA.


Similar Part No. - SI9176_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9176DB VISHAY-SI9176DB Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9176DH-T1 VISHAY-SI9176DH-T1 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9176DM-T1 VISHAY-SI9176DM-T1 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
More results

Similar Description - SI9176_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SI9176 VISHAY-SI9176 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9175 VISHAY-SI9175_04 Datasheet
289Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
   High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
Rev. C, 14-jun-04
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com