Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9165 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9165
Description  High Frequency 600-mA Synchronous Buck/Boost Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9165 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9165 Datasheet HTML 1Page - Vishay Siliconix SI9165 Datasheet HTML 2Page - Vishay Siliconix SI9165 Datasheet HTML 3Page - Vishay Siliconix SI9165 Datasheet HTML 4Page - Vishay Siliconix SI9165 Datasheet HTML 5Page - Vishay Siliconix SI9165 Datasheet HTML 6Page - Vishay Siliconix SI9165 Datasheet HTML 7Page - Vishay Siliconix SI9165 Datasheet HTML 8Page - Vishay Siliconix SI9165 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 70845
S-72058-Rev. D, 08-Oct-07
Vishay Siliconix
Si9165
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
VREF vs. VDD
Frequency vs. Temperature
Buck Mode Efficiency, VO = 2.7 V
1.290
1.295
1.300
1.305
1.310
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD - (V)
1.70
1.75
1.80
1.85
1.90
1.95
2.00
- 100
- 50
0
50
100
150
Temperature (°C)
ROSC = 25 k
Ω
1
60
65
1000
70
80
85
90
100
Load Current (mA)
10
100
75
PSM - 3.6 V
PSM - 3 V
PSM - 4.2 V
PWM - 3 V
PWM - 3.6 V
PWM - 4.2 V
95
VREF vs. Temperature
Frequency vs. ROSC
Boost Mode Efficiency, VO = 3.6 V
1.28
1.29
1.30
1.31
1.32
- 50
0
50
100
150
Temperature (°C)
100
1000
10000
10
100
1000
ROSC (kΩ)
1
60
65
1000
70
80
85
90
95
Load Current (mA)
10
100
75
PSM - 3.3 V
PSM - 2.7 V
PWM - 3.3 V
PWM - 2.7 V


Similar Part No. - SI9165

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
More results

Similar Description - SI9165

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9169 VISHAY-SI9169 Datasheet
76Kb / 8P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. D, 19-Apr-04
SI9169 VISHAY-SI9169_07 Datasheet
456Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. E, 08-Oct-07
SI9169 VISHAY-SI9169_V01 Datasheet
173Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
01-Jan-2022
logo
Texas Instruments
TPS61070 TI-TPS61070 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_07 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070TDDCRQ1 TI1-TPS61070TDDCRQ1 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
logo
Texas Instruments
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com