Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9140 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9140
Description  MP Controller For High Performance Process Power Supplies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9140 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9140_04 Datasheet HTML 1Page - Vishay Siliconix SI9140_04 Datasheet HTML 2Page - Vishay Siliconix SI9140_04 Datasheet HTML 3Page - Vishay Siliconix SI9140_04 Datasheet HTML 4Page - Vishay Siliconix SI9140_04 Datasheet HTML 5Page - Vishay Siliconix SI9140_04 Datasheet HTML 6Page - Vishay Siliconix SI9140_04 Datasheet HTML 7Page - Vishay Siliconix SI9140_04 Datasheet HTML 8Page - Vishay Siliconix SI9140_04 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Si9140
Vishay Siliconix
Document Number: 70026
S-40699—Rev. H, 19-Apr-04
www.vishay.com
3
SPECIFICATIONS
Limits
C Suffix 0 to 70_C
D Suffix −40 to 85_C
Test Conditions
Unless Otherwise Specifieda
3 V v VDD v 6.5 V, VDD = VS
GND = PGND
Parameter
Unit
Maxb
Typ
Minb
Test Conditions
Unless Otherwise Specifieda
3 V v VDD v 6.5 V, VDD = VS
GND = PGND
Symbol
UVLOSET Voltage Monitor
UVLO Input Current
IUVLO(SET)
VUVLO = 0 to VDD
−100
100
nA
Output Drive (DR and DS)
Output High Voltage
VOH
VS = VDD = 5 V, IOUT = −10 mA
4.7
4.8
V
Output Low Voltage
VOL
VS = VDD = 5 V, IOUT = 10 mA
0.2
0.3
V
Peak Output Current
ISOURCE
VS = VDD = 5 V, VOUT = 0 V
−380
−260
mA
Peak Output Current
ISINK
VS = VDD = 5 V, VOUT = 5 V
200
300
mA
Break-Before-Make
tBBM
VDD = 6.5 V
40
nS
Logic
ENABLE Turn-On Delay
tdEN
ENABLE Delay to Output, ENLH, VDD = 5 V
1.5
ms
ENABLE Logic Low
VENL
0.2 VDD
V
ENABLE Logic High
VENH
0.8 VDD
V
ENABLE Input Current
IEN
ENABLE = 0 to VDD
−1.0
1.0
mA
VGOOD Comparator (Voltage-Good Comparator)
Input Offset Voltage
VOS
VIN Common Mode Voltage = VREF VDD = 5 V
−45
0
45
mV
Input Hysteresis
VINHYS
VIN Common Mode Voltage = VREF, VDD = 5 V
10
mV
Input Bias Current
IBMON
VIN = VREF, VDD = 5 V
−1
0
1
mA
Output Sink I
ISINK
VOUT = 5 V, VDD = 5 V
6
9
mA
Output Low Voltage
VOL
IOUT = 2 mA, VDD = 5 V
350
500
mV
Supply
Supply Current—Normal Mode
IDD
fOSC = 1 MHz, ROSC = 7.50 kW
1.6
2.3
mA
Supply Current—Standby Mode
IDD
ENABLE < 0.4 V
250
330
mA
Notes
a.
100 pF includes CSTRAY on COSC.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS OTHERWISE NOTED)
1.480
1.485
1.490
1.495
1.500
1.505
1.510
−50
−25
0
25
50
75
100
125
VREF vs. Temperature
t − Temperature (_C)
VDD = 3 V
1.485
1.490
1.495
1.500
1.505
1.510
1.515
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VREF vs. Supply Voltage
VDD − Supply Voltage (V)
VREF with 10 mA Load
VDD = 6 V


Similar Part No. - SI9140_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9140CQ VISHAY-SI9140CQ Datasheet
470Kb / 15P
   SMP Controller For High Performance Process Power Supplies
Rev. G, 15-Mar-99
SI9140CY VISHAY-SI9140CY Datasheet
470Kb / 15P
   SMP Controller For High Performance Process Power Supplies
Rev. G, 15-Mar-99
SI9140DQ VISHAY-SI9140DQ Datasheet
470Kb / 15P
   SMP Controller For High Performance Process Power Supplies
Rev. G, 15-Mar-99
SI9140DY VISHAY-SI9140DY Datasheet
470Kb / 15P
   SMP Controller For High Performance Process Power Supplies
Rev. G, 15-Mar-99
SI9140 VISHAY-SI9140_V01 Datasheet
272Kb / 19P
   MP Controller For High Performance Process Power Supplies
01-Jan-2022
More results

Similar Description - SI9140_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9140 VISHAY-SI9140_V01 Datasheet
272Kb / 19P
   MP Controller For High Performance Process Power Supplies
01-Jan-2022
SI9140 VISHAY-SI9140 Datasheet
470Kb / 15P
   SMP Controller For High Performance Process Power Supplies
Rev. G, 15-Mar-99
logo
ON Semiconductor
NCP1910 ONSEMI-NCP1910 Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
December, 2012 ??Rev. 1
NCP1910 ONSEMI-NCP1910_V01 Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
ON Semiconductor
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
logo
Tyco Electronics
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
   High Performance RFI Power Line Filters for Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com