Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9122ADLP-T1-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI9122ADLP-T1-E3
Description  500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9122ADLP-T1-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SI9122ADLP-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.vishay.com
6
Document Number: 73492
S-80038-Rev. D, 14-Jan-08
Vishay Siliconix
Si9122A
Notes:
a. Refer to PROCESS OPTION FLOWCHART for additional information.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum (- 40 °C to 85 °C).
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. FMIN when VCL_CONT at clamp level. Typical foldback frequency change + 20 %, - 30 % over temperature.
e. Measured on SRL or SRH outputs.
f. See figure 3 for Break-Before-Make time definition.
g. VUVLO tracks VREG1 by a diode drop.
h. Guaranteed by design and characterization, not tested in production.
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
fNOM = 500 kHz, VIN = 75 V
VINDET = 7.5 V; 10.5 V ≤ VCC ≤ 13.2 V
Limits
- 40 to 85 °C
Unit
Min.b
Typ.c
Max.b
Synchronous Rectifier (SRH, SRL) Drivers
Output High Voltage
VOH
Sourcing 10 mA
VCC - 0.4
V
Output Low Voltage
VOL
Sinking 10 mA
0.4
Break-Before-Make Timef
tBBM1
TA = 25 °C, RBBM = 33 kΩ, See Figure 3
55
ns
tBBM2
40
tBBM3
TA = 25 °C, RBBM = 33 kΩ, LX = 75 V
35
tBBM4
55
Peak Output Source
ISOURCE
VCC = 10.5 V
- 100
mA
Peak Output Sink
ISINK
100
Rise Time
tr
CSRH = CSRL = 0.3 nF
35
ns
Fall Time
tf
35
Voltage Mode
Error Amplifier
td1DH
Input to High-Side Switch Off
< 200
ns
td2DL
Input to Low-Side Switch Off
< 200
Current Mode
Current Amplifier
td3DH
Input to High-Side Switch Off
< 200
ns
td4DL
Input to Low-Side Switch Off
< 200


Similar Part No. - SI9122ADLP-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9122A VISHAY-SI9122A Datasheet
241Kb / 15P
   500-kHz Half-Bridge DC/DC Controller With Integrated Secondary Synchronous Rectification Drivers
Rev. A, 12-Sep-05
SI9122A VISHAY-SI9122A Datasheet
386Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122A VISHAY-SI9122A_V01 Datasheet
386Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
More results

Similar Description - SI9122ADLP-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9122E VISHAY-SI9122E_V01 Datasheet
377Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122A VISHAY-SI9122A Datasheet
241Kb / 15P
   500-kHz Half-Bridge DC/DC Controller With Integrated Secondary Synchronous Rectification Drivers
Rev. A, 12-Sep-05
SI9122 VISHAY-SI9122_V01 Datasheet
322Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122 VISHAY-SI9122_08 Datasheet
330Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. J, 14-Jan-08
SI9122E VISHAY-SI9122E Datasheet
376Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. D, 21-Jan-08
SI9122A VISHAY-SI9122A_V01 Datasheet
386Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122 VISHAY-SI9122 Datasheet
218Kb / 17P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Drivers
Rev. F, 18-Oct-04
SI9123 VISHAY-SI9123 Datasheet
181Kb / 16P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
SI9124 VISHAY-SI9124 Datasheet
172Kb / 16P
   500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com