Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9122DQ-T1-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI9122DQ-T1-E3
Description  500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9122DQ-T1-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI9122DQ-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI9122DQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9122DQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9122DQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9122DQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9122DQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9122DQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9122DQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9122DQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Document Number: 71815
S-80038-Rev. J, 14-Jan-08
www.vishay.com
5
Vishay Siliconix
Si9122
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
fNOM = 500 kHz, VIN = 72 V
VINDET = 7.2 V; 10 V ≤ VCC ≤ 13.2 V
Limits
- 40 to 85 °C
Unit
Min.b
Typ.c
Max.b
Pre-Regulator
VCC Pre-Regulator Turn Off
Threshold Voltage
VREG1
VINDET > VREF
7.4
9.1
10.4
V
TA = 25 °C
8.5
9.1
9.7
VREG2
VINDET = 0 V
9.2
Undervoltage Lockout
VUVLO
VCC Rising
7.15
8.8
9.8
TA = 25 °C
8.1
8.8
9.3
VUVLO Hysteresis
g
VUVLOHYS
0.5
Soft-Start
Soft-Start Current Output
ISS
Start-Up Condition
12
20
28
µA
Soft-Start Completion Voltage
VSS_COMP
Normal Operation
7.35
8.05
8.85
V
Shutdown
VINDET Shutdown FN
VSD
VINDET Rising
350
550
720
mV
VINDET Hysteresis
VINDET
200
VINDET Input Threshold Voltages
VINDET - VIN Under Voltage
VUV
VINDET Rising
3.13
3.3
3.46
V
VUV Hysteresis
VINDET
0.23
0.3
0.35
Over Temperature Protection
Activating Temperature
TJ Increasing
160
°C
De-Activating Temperature
TJ Decreasing
130
Converter Supply Current (VCC)
Shutdown
ICC1
Shutdown, VINDET = 0 V
50
350
µA
Switching Disabled
ICC2
VINDET < VREF
48
12
mA
Switching w/o Load
ICC3
VINDET > VREF, fNOM = 500 kHz
510
15
Switching with CLOAD
ICC4
VCC = 12 V, CDH = CDL = 3 nF
CSRH = CSRL = 0.3 nF
21
Output MOSFET DH Driver (High-Side)
Output High Voltage
VOH
Sourcing 10 mA
VBST - 0.3
V
Output Low Voltage
VOL
Sinking 10 mA
VLX + 0.3
Boost Current
IBST
VLX = 72 V, VBST = VLX + VCC
1.3
1.9
2.7
mA
LX Current
ILX
VLX = 72 V, VBST = VLX + VCC
- 1.3
- 0.7
- 0.4
Peak Output Source
ISOURCE
VCC = 10 V
- 1.0
- 0.75
A
Peak Output Sink
ISINK
0.75
1.0
Rise Time
tr
CDL = 3 nF
35
ns
Fall Time
tf
35
Output MOSFET DL Driver (Low-Side)
Output High Voltage
VOH
Sourcing 10 mA
VCC - 0.3
V
Output Low Voltage
VOL
Sinking 10 mA
0.3
Peak Output Source
ISOURCE
VCC = 10 V
- 1.0
- 0.75
A
Peak Output Sink
ISINK
0.75
1.0
Rise Time
tr
CDH = 3 nF
35
ns
Fall Time
tf
35


Similar Part No. - SI9122DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9122DQ-T1 VISHAY-SI9122DQ-T1 Datasheet
218Kb / 17P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Drivers
Rev. F, 18-Oct-04
More results

Similar Description - SI9122DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9122E VISHAY-SI9122E_V01 Datasheet
377Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122A VISHAY-SI9122A_08 Datasheet
352Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. D, 14-Jan-08
SI9122A VISHAY-SI9122A Datasheet
241Kb / 15P
   500-kHz Half-Bridge DC/DC Controller With Integrated Secondary Synchronous Rectification Drivers
Rev. A, 12-Sep-05
SI9122 VISHAY-SI9122_V01 Datasheet
322Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122E VISHAY-SI9122E Datasheet
376Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. D, 21-Jan-08
SI9122A VISHAY-SI9122A_V01 Datasheet
386Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122 VISHAY-SI9122 Datasheet
218Kb / 17P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Drivers
Rev. F, 18-Oct-04
SI9123 VISHAY-SI9123 Datasheet
181Kb / 16P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
SI9124 VISHAY-SI9124 Datasheet
172Kb / 16P
   500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com