Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9122A Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SI9122A
Description  500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9122A Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SI9122A_08 Datasheet HTML 8Page - Vishay Siliconix SI9122A_08 Datasheet HTML 9Page - Vishay Siliconix SI9122A_08 Datasheet HTML 10Page - Vishay Siliconix SI9122A_08 Datasheet HTML 11Page - Vishay Siliconix SI9122A_08 Datasheet HTML 12Page - Vishay Siliconix SI9122A_08 Datasheet HTML 13Page - Vishay Siliconix SI9122A_08 Datasheet HTML 14Page - Vishay Siliconix SI9122A_08 Datasheet HTML 15Page - Vishay Siliconix SI9122A_08 Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.vishay.com
12
Document Number: 73492
S-80038-Rev. D, 14-Jan-08
Vishay Siliconix
Si9122A
TYPICAL CHARACTERISTICS
fOSC vs. ROSC at VCC = 12 V
VREG vs. Temperature, VIN = 48 V
ISS vs. Temperature
200
300
400
500
600
20
30
40
50
60
70
80
ROSC (kΩ)
Temperature ( C)
7.5
8.0
8.5
9.0
9.5
10.0
- 50
- 25
0
25
50
75
100
125
150
VINDET > VREF
TC = - 11 mV/C
15
17
19
21
23
25
- 50
- 25
0
25
50
75
100
125
Temperature (°C)
VCC = 13 V
VCC = 10 V
VCC = 12 V
VREF vs. Temperature, VCC = 12 V
SRL, SRH Duty Cycle vs. VEP
VSS vs. Temperature, VCC = 12 V
3.270
3.275
3.280
3.285
3.290
3.295
3.300
- 50
- 25
0
25
50
75
100
Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
VEP (V)
3.6 V = VINDET
VCC = 12 V
7.2 V
4.8 V
7.90
7.95
8.00
8.05
8.10
8.15
8.20
- 50
- 25
0
25
50
75
100
125
150
Temperature (°C)
TC = + 1.25 mV/C
VINDET > VREF


Similar Part No. - SI9122A_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9122A VISHAY-SI9122A_V01 Datasheet
386Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
More results

Similar Description - SI9122A_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9122E VISHAY-SI9122E_V01 Datasheet
377Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122A VISHAY-SI9122A Datasheet
241Kb / 15P
   500-kHz Half-Bridge DC/DC Controller With Integrated Secondary Synchronous Rectification Drivers
Rev. A, 12-Sep-05
SI9122 VISHAY-SI9122_V01 Datasheet
322Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122 VISHAY-SI9122_08 Datasheet
330Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. J, 14-Jan-08
SI9122E VISHAY-SI9122E Datasheet
376Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. D, 21-Jan-08
SI9122A VISHAY-SI9122A_V01 Datasheet
386Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122 VISHAY-SI9122 Datasheet
218Kb / 17P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Drivers
Rev. F, 18-Oct-04
SI9123 VISHAY-SI9123 Datasheet
181Kb / 16P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
SI9124 VISHAY-SI9124 Datasheet
172Kb / 16P
   500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com