Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9102DN02-T1-E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SI9102DN02-T1-E3
Description  3-W High-Voltage Switchmode Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9102DN02-T1-E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI9102DN02-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9102DN02-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9102DN02-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9102DN02-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9102DN02-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9102DN02-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9102DN02-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9102DN02-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI9102DN02-T1-E3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
E1
E
Q1
A
L
A1
e1
B
B1
S
C
eA
D
15°
MAX
1
234
56
7
14
13
12
11
10
9
8
Package Information
Vishay Siliconix
Document Number: 72814
28-Jan-04
www.vishay.com
1
PDIP: 14-LEAD (POWER IC ONLY)
MILLIMETERS
INCHES
Dim
Min
Max
Min
Max
A
3.81
5.08
0.150
0.200
A1
0.38
1.27
0.015
0.050
B
0.38
0.51
0.015
0.020
B1
0.89
1.65
0.035
0.065
C
0.20
0.30
0.008
0.012
D
17.27
19.30
0.680
0.760
E
7.62
8.26
0.300
0.325
E1
5.59
7.11
0.220
0.280
e1
2.29
2.79
0.090
0.110
eA
7.37
7.87
0.290
0.310
L
2.79
3.81
0.110
0.150
Q1
1.27
2.03
0.050
0.080
S
1.02
2.03
0.040
0.080
ECN: S-40081—Rev. A, 02-Feb-04
DWG: 5919


Similar Part No. - SI9102DN02-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9102DN02 VISHAY-SI9102DN02 Datasheet
76Kb / 7P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
More results

Similar Description - SI9102DN02-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9100 VISHAY-SI9100 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9100 VISHAY-SI9100_V01 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9102 VISHAY-SI9102 Datasheet
76Kb / 7P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9102 VISHAY-SI9102_V01 Datasheet
155Kb / 10P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9108 VISHAY-SI9108_04 Datasheet
213Kb / 12P
   1-W High-Voltage Switchmode Regulator
Rev. B,15-Nov-04
SI9105 VISHAY-SI9105_07 Datasheet
305Kb / 11P
   1-W High-Voltage Switchmode Regulator
Rev. I, 19-Mar-07
SI9105 VISHAY-SI9105 Datasheet
76Kb / 7P
   1-W High-Voltage Switchmode Regulator
Rev. H, 15-Nov-04
SI9108 VISHAY-SI9108 Datasheet
100Kb / 5P
   1-W High-Voltage Switchmode Regulator
Rev. A, 05-Apr-99
SI9105 VISHAY-SI9105_V01 Datasheet
201Kb / 11P
   1-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com