Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9102DN02 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9102DN02
Description  3-W High-Voltage Switchmode Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9102DN02 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9102DN02 Datasheet HTML 1Page - Vishay Siliconix SI9102DN02 Datasheet HTML 2Page - Vishay Siliconix SI9102DN02 Datasheet HTML 3Page - Vishay Siliconix SI9102DN02 Datasheet HTML 4Page - Vishay Siliconix SI9102DN02 Datasheet HTML 5Page - Vishay Siliconix SI9102DN02 Datasheet HTML 6Page - Vishay Siliconix SI9102DN02 Datasheet HTML 7Page - Vishay Siliconix SI9102DN02 Datasheet HTML 8Page - Vishay Siliconix SI9102DN02 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 70001
S-70497-Rev. H, 19-Mar-07
www.vishay.com
3
Vishay Siliconix
Si9102
Notes:
a. Refer to PROCESS OPTION FLOWCHART for additional information.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. Temperature coefficient of rDS(on) is 0.75 % per °C, typical.
g. CSTRAY Pin 8 = ≤ 5 pF.
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
DISCHARGE = - VIN = 0 V
VCC = 10 V, + VIN = 48 V
RBIAS = 390 kΩ, ROSC = 330 kΩ
Limits
D Suffix - 40 to 85 °C
Unit
Tempb
Mind
Typc
Maxd
Error Amplifier
Feedback Input Voltage
VFB
FB Tied to COMP
OSC IN = - VIN (OSC Disabled)
Room
3.96
4.00
4.04
V
Input BIAS Current
IFB
OSC IN = - VIN, VFB = 4 V,
OSC IN = - VIN (OSC Disabled)
Room
25
500
nA
Open Loop Voltage Gaine
AVOL
Room
60
80
dB
Unity Gain Bandwidthe
BW
Room
0.7
1
MHz
Dynamic Output Impedancee
ZOUT
Room
1000
2000
Ω
Output Current
IOUT
Source (VFB = 3.4 V)
Room
- 2.0
- 1.4
mA
Input OFFSET Voltage
VOS
OSC IN = - VIN (OSC Disabled)
Room
± 15
± 40
mV
Output Current
IOUT
Sink (VFB = 4.5 V)
Room
0.12
0.15
mA
Power Supply Rejection
PSRR
9.5 V
≤ V
CC ≤ 13.5 V
Room
50
70
dB
Current Limit
Threshold Voltage
VSOURCE
RL = 100 Ω from DRAIN to VCC
VFB = 0 V
Room
1.0
1.2
1.4
V
Delay to Outpute
td
RL = 100 Ω from DRAIN to VCC
VSOURCE = 1.5 V, See Figure 1
Room
100
200
ns
Pre-Regulator/Start-Up
Input Voltage
+ VIN
IIN = 10 µA
Room
120
V
Input Leakage Current
+ IIN
VCC ≥ 10 V
Room
10
µA
Pre-Regulator Start-Up Current
ISTART
Pulse Width
≤ 300 µs, V
CC = 7 V
Room
8
15
mA
VCC Pre-Regulator Turn-Off
Threshold Voltage
VREG
IPRE-REGULATOR = 10 µA
Room
7.8
9.4
9.7
V
Undervoltage Lockout
VUVLO
RL = 100 Ω from DRAIN to VCC
See Detailed Description
Room
7.0
8.8
9.2
VREG, - VUVLO
VDELTA
Room
0.3
0.6
Supply
Supply Current
ICC
Room
0.45
0.6
1.0
mA
Bias Current
IBIAS
Room
10
15
20
µA
Logic
SHUTDOWN Delaye
tSD
VSOURCE = - VIN, See Figure 2
Room
50
100
ns
SHUTDOWN Pulse Widthe
tSW
See Figure 3
Room
50
RESET Pulse Widthe
tRW
Room
50
Latching Pulse Widthe
SHUTDOWN and RESET Low
tLW
Room
25
Input Low Voltage
VIL
Room
2.0
V
Input High Voltage
VIH
Room
8.0
Input Current Input Voltage High
IIH
VIN = 10 V
Room
1
5
µA
Input Current Input Voltage Low
IIL
VIN = 0 V
Room
- 35
- 25
MOSFET Switch
Breakdown Voltage
VBR(DSS)
IDRAIN = 100 µA
Full
200
220
V
Drain-Source On Resistancef
rDS(on)
IDRAIN = 100 mA
Room
7
Ω
Drain Off Leakage Current
IDSS
VDRAIN = 100 V
Room
5
10
µA
Drain Capacitance
CDS
Room
35
pF


Similar Part No. - SI9102DN02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9102DN02 VISHAY-SI9102DN02 Datasheet
76Kb / 7P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
More results

Similar Description - SI9102DN02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9100 VISHAY-SI9100 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9100 VISHAY-SI9100_V01 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9102 VISHAY-SI9102 Datasheet
76Kb / 7P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9102 VISHAY-SI9102_V01 Datasheet
155Kb / 10P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9108 VISHAY-SI9108_04 Datasheet
213Kb / 12P
   1-W High-Voltage Switchmode Regulator
Rev. B,15-Nov-04
SI9105 VISHAY-SI9105_07 Datasheet
305Kb / 11P
   1-W High-Voltage Switchmode Regulator
Rev. I, 19-Mar-07
SI9105 VISHAY-SI9105 Datasheet
76Kb / 7P
   1-W High-Voltage Switchmode Regulator
Rev. H, 15-Nov-04
SI9108 VISHAY-SI9108 Datasheet
100Kb / 5P
   1-W High-Voltage Switchmode Regulator
Rev. A, 05-Apr-99
SI9105 VISHAY-SI9105_V01 Datasheet
201Kb / 11P
   1-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com