Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8800EDB-T2-E1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI8800EDB-T2-E1
Description  N-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8800EDB-T2-E1 Datasheet(HTML) 7 Page - Vishay Siliconix

  SI8800EDB-T2-E1 Datasheet HTML 1Page - Vishay Siliconix SI8800EDB-T2-E1 Datasheet HTML 2Page - Vishay Siliconix SI8800EDB-T2-E1 Datasheet HTML 3Page - Vishay Siliconix SI8800EDB-T2-E1 Datasheet HTML 4Page - Vishay Siliconix SI8800EDB-T2-E1 Datasheet HTML 5Page - Vishay Siliconix SI8800EDB-T2-E1 Datasheet HTML 6Page - Vishay Siliconix SI8800EDB-T2-E1 Datasheet HTML 7Page - Vishay Siliconix SI8800EDB-T2-E1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 66700
S11-1145-Rev. B, 13-Jun-11
www.vishay.com
7
Vishay Siliconix
Si8800EDB
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE
MICRO FOOT 0.8 mm x 0.8 mm: 4-BUMP (2 mm x 2 mm, 0.4 mm PITCH)
Notes (Unless otherwise specified):
1. All dimensions are in millimeters.
2. Four (4) solder bumps are lead (Pb)-free 95.5Sn/3.8Ag/0.7Cu with diameter Ø
0.165 mm to Ø 0.185 mm.
3. Backside surface is coated with a Ti/Ni/Ag layer.
4. Non-solder mask defined copper landing pad.
5.
·is location of pin 1.
Notes:
a. Use millimeters as the primary measurement.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?66700.
4 x Ø b
s
D
e
XXX
Mark on Backside of die
S
G
D
S
800
3
4
1
2
e
4 x Ø 0.205 to 0.225 Note 4
Solder Mask ~ Ø 0.215
Recommended Land
Dim.
Millimetersa
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.314
0.357
0.400
0.0124
0.0141
0.0157
A1
0.127
0.157
0.187
0.0050
0.0062
0.0074
A2
0.187
0.200
0.213
0.0074
0.0079
0.0084
b
0.165
0.175
0.185
0.0064
0.0068
0.0072
e
0.400
0.0157
s
0.180
0.200
0.220
0.0070
0.0078
0.0086
D
0.760
0.800
0.840
0.0299
0.0314
0.0330


Similar Part No. - SI8800EDB-T2-E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8800EDB VISHAY-SI8800EDB Datasheet
141Kb / 8P
   N-Channel 20 V (D-S) MOSFET Ultra Thin 0.357 mm Height
Rev. A, 03-May-10
SI8800EDB VISHAY-SI8800EDB_V01 Datasheet
139Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI8800EDB-T2-E1

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com