Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8499DB-T2-E1 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI8499DB-T2-E1
Description  P-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8499DB-T2-E1 Datasheet(HTML) 8 Page - Vishay Siliconix

  SI8499DB-T2-E1 Datasheet HTML 1Page - Vishay Siliconix SI8499DB-T2-E1 Datasheet HTML 2Page - Vishay Siliconix SI8499DB-T2-E1 Datasheet HTML 3Page - Vishay Siliconix SI8499DB-T2-E1 Datasheet HTML 4Page - Vishay Siliconix SI8499DB-T2-E1 Datasheet HTML 5Page - Vishay Siliconix SI8499DB-T2-E1 Datasheet HTML 6Page - Vishay Siliconix SI8499DB-T2-E1 Datasheet HTML 7Page - Vishay Siliconix SI8499DB-T2-E1 Datasheet HTML 8Page - Vishay Siliconix SI8499DB-T2-E1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
8
Document Number: 65906
S10-0543-Rev. A, 08-Mar-10
Vishay Siliconix
Si8499DB
PACKAGE OUTLINE
MICRO FOOT: 6-BUMP (2 x 3, 0.5 mm PITCH)
Notes (Unless Otherwise Specified):
1. All dimensions are in millimeters.
2. Six (6) solder bumps are lead (Pb)-free 95.5Sn, 3.8Ag, 0.7Cu with diameter
∅ 0.30 to 0.32 mm.
3. Backside surface is coated with a Ti/Ni/Ag layer.
4. Non-solder mask defined copper landing pad.
5.
· is location of Pin 1.
Notes:
a. Use millimeters as the primary measurement.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?65906.
e
e
S
S
D
D
S
G
A
B
C
1
2
Recommended Land
E
e
Mark on Backside of Die
s
XXX
8499
s
e
6 x Ø 0.24 to 0.26 Note 3
Solder Mask ~ Ø 0.25
Bump Note 2
6 x Ø b
Dim.
Millimetersa
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.510
0.575
0.590
0.0201
0.0224
0.0232
A1
0.220
0.250
0.280
0.0087
0.0098
0.0110
A2
0.290
0.300
0.310
0.0114
0.0118
0.0122
b
0.300
0.310
0.320
0.0118
0.0122
0.0126
e
0.500
0.0197
s
0.230
0.250
0.270
0.0090
0.0098
0.0106
D
0.920
0.960
1.000
0.0362
0.0378
0.0394
E
1.420
1.460
1.500
0.0559
0.0575
0.0591


Similar Part No. - SI8499DB-T2-E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8499DB VISHAY-SI8499DB Datasheet
169Kb / 8P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI8499DB VISHAY-SI8499DB_V01 Datasheet
169Kb / 8P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI8499DB-T2-E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com