Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8499DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI8499DB
Description  P-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8499DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SI8499DB Datasheet HTML 1Page - Vishay Siliconix SI8499DB Datasheet HTML 2Page - Vishay Siliconix SI8499DB Datasheet HTML 3Page - Vishay Siliconix SI8499DB Datasheet HTML 4Page - Vishay Siliconix SI8499DB Datasheet HTML 5Page - Vishay Siliconix SI8499DB Datasheet HTML 6Page - Vishay Siliconix SI8499DB Datasheet HTML 7Page - Vishay Siliconix SI8499DB Datasheet HTML 8Page - Vishay Siliconix SI8499DB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 65906
S10-0543-Rev. A, 08-Mar-10
Vishay Siliconix
Si8499DB
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Maximum under Steady State conditions is 85 °C/W.
c. Case is defined as top surface of the package.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
RthJA
37
45
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
79.5
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 20
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 20
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
2.2
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.5
- 1.3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
µA
VDS = - 20 V, VGS = 0 V, TJ = 70 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 5
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 1.5 A
0.026
0.032
Ω
VGS = - 2.5 V, ID = - 1.5 A
0.036
0.046
VGS = - 2.0 V, ID = - 1 A
0.048
0.065
VGS = - 1.8 V, ID = - 0.5 A
0.060
0.120
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 1.5 A
10
S
Dynamicb
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V, f = 1 MHz
1300
pF
Output Capacitance
Coss
250
Reverse Transfer Capacitance
Crss
200
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 5 V, ID = - 1.5 A
20
30
nC
VDS = - 10 V, VGS = - 4.5 V, ID = - 1.5 A
14.5
22
Gate-Source Charge
Qgs
2.0
Gate-Drain Charge
Qgd
4.1
Gate Resistance
Rg
VGS = - 0.1 V, f = 1 MHz
7
Ω
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 6.7 Ω
ID ≅ - 1.5 A, VGEN = - 4.5 V, Rg = 1 Ω
20
40
ns
Rise Time
tr
25
50
Turn-Off Delay Time
td(off)
50
100
Fall Time
tf
30
60
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 6.7 Ω
ID ≅ - 1.5 A, VGEN = - 10 V, Rg = 1 Ω
715
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
55
110
Fall Time
tf
30
60


Similar Part No. - SI8499DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8499DB VISHAY-SI8499DB Datasheet
169Kb / 8P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI8499DB VISHAY-SI8499DB_V01 Datasheet
169Kb / 8P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI8499DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com