Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8402DB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI8402DB
Description  20-V N-Channel 1.8-V (G-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8402DB Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SI8402DB_08 Datasheet HTML 2Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 3Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 4Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 5Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 6Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 7Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 8Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 9Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 72657
S-82118-Rev. C, 08-Sep-08
Vishay Siliconix
Si8402DB
PACKAGE OUTLINE
MICRO FOOT: 4-BUMP (2 x 2, 0.8 mm PITCH)
Notes (Unless Otherwise Specified):
1. Laser mark on the silicon die back, coated with a thin metal.
2. Bumps are 95.5/3.8/0.7 Sn/Ag/Cu.
3. Non-solder mask defined copper landing pad.
4. The flat side of wafers is oriented at the bottom.
Notes:
a. Use millimeters as the primary measurement.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?72657.
Bump Note 2
8402
XXX
Recommended Land
Mark on Backside of Die
Silicon
b Diamerter
e
e
A
A2
A1
e
S
D
e
S
E
4 x
φ 0.30
0.31
Note 3
Solder Mask
φ 0.40
Dim.
Millimetersa
Inches
Min.
Max.
Min.
Max.
A
0.600
0.650
0.0236
0.0256
A1
0.260
0.290
0.0102
0.0114
A2
0.340
0.360
0.0134
0.0142
b
0.370
0.410
0.0146
0.0161
D
1.520
1.600
0.0598
0.0630
E
1.520
1.600
0.0598
0.0630
e
0.750
0.850
0.0295
0.0335
S
0.370
0.380
0.0146
0.0150


Similar Part No. - SI8402DB_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8402DB VISHAY-SI8402DB_06 Datasheet
197Kb / 4P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. B, 20-Mar-06
More results

Similar Description - SI8402DB_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8402DB VISHAY-SI8402DB_06 Datasheet
197Kb / 4P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. B, 20-Mar-06
SI8402DB VISHAY-SI8402DB Datasheet
91Kb / 6P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. A, 15-Dec-03
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
SI1012R VISHAY-SI1012R_17 Datasheet
172Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com