Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7900AEDN Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SI7900AEDN
Description  Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7900AEDN Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SI7900AEDN_08 Datasheet HTML 4Page - Vishay Siliconix SI7900AEDN_08 Datasheet HTML 5Page - Vishay Siliconix SI7900AEDN_08 Datasheet HTML 6Page - Vishay Siliconix SI7900AEDN_08 Datasheet HTML 7Page - Vishay Siliconix SI7900AEDN_08 Datasheet HTML 8Page - Vishay Siliconix SI7900AEDN_08 Datasheet HTML 9Page - Vishay Siliconix SI7900AEDN_08 Datasheet HTML 10Page - Vishay Siliconix SI7900AEDN_08 Datasheet HTML 11Page - Vishay Siliconix SI7900AEDN_08 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.vishay.com
4
Document Number 71681
03-Mar-06
Vishay Siliconix
AN822
CONCLUSIONS
As a derivative of the PowerPAK SO-8, the PowerPAK
1212-8 uses the same packaging technology and has
been shown to have the same level of thermal perfor-
mance while having a footprint that is more than 40 %
smaller than the standard TSSOP-8.
Recommended PowerPAK 1212-8 land patterns are
provided to aid in PC board layout for designs using this
new package.
The PowerPAK 1212-8 combines small size with attrac-
tive thermal characteristics. By minimizing the thermal
rise above the board temperature, PowerPAK simplifies
thermal design considerations, allows the device to run
cooler, keeps rDS(ON) low, and permits the device to
handle more current than a same- or larger-size MOS-
FET die in the standard TSSOP-8 or SO-8 packages.
Figure 5. Spreading Copper - Si7401DN
45
55
65
75
85
95
105
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Spreading Copper (sq. in.)
100 %
50 %
0 %
Figure 6. Spreading Copper - Junction-to-Ambient Performance
50
60
70
80
90
100
110
120
130
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Spreading Copper (sq. in.)
100 %
0 %
50 %


Similar Part No. - SI7900AEDN_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7900AEDN-T1 VISHAY-SI7900AEDN-T1 Datasheet
540Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. C, 07-Jul-08
SI7900AEDN-T1-E3 VISHAY-SI7900AEDN-T1-E3 Datasheet
624Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET, Common Drain
01-Jan-2022
SI7900AEDN-T1-GE3 VISHAY-SI7900AEDN-T1-GE3 Datasheet
624Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET, Common Drain
01-Jan-2022
SI7900AEDN VISHAY-SI7900AEDN_V01 Datasheet
624Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET, Common Drain
01-Jan-2022
More results

Similar Description - SI7900AEDN_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7900EDN VISHAY-SI7900EDN Datasheet
51Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 02-Apr-01
SI6874EDQ VISHAY-SI6874EDQ Datasheet
68Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 14-Aug-00
SI7900AEDN VISHAY-SI7900AEDN_V01 Datasheet
624Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET, Common Drain
01-Jan-2022
SI7900AEDN-T1 VISHAY-SI7900AEDN-T1 Datasheet
540Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. C, 07-Jul-08
SI7900AEDN VISHAY-SI7900AEDN Datasheet
73Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 07-Jun-03
SI6875DQ VISHAY-SI6875DQ Datasheet
57Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 12-Jun-00
SI7902EDN VISHAY-SI7902EDN Datasheet
54Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET, Common Drain
Rev. A, 18-Feb-02
SI8902AEDB VISHAY-SI8902AEDB Datasheet
251Kb / 11P
   N-Channel 24 V (D-S) MOSFET, Common Drain
01-Jan-2022
logo
Anachip Corp
AF4901P ANACHIP-AF4901P Datasheet
152Kb / 3P
   Dual P-Channel 30-V (D-S) Common Drain MOSFET
logo
Nexperia B.V. All right...
PMCM650CUNE NEXPERIA-PMCM650CUNE Datasheet
404Kb / 18P
   20 V, Common Drain N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com