Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7629DN-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI7629DN-T1-GE3
Description  P-Channel 20 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7629DN-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7629DN-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI7629DN-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7629DN-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7629DN-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7629DN-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7629DN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7629DN-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7629DN-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7629DN-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 70556
S10-1538-Rev. A, 19-Jul-10
www.vishay.com
3
Vishay Siliconix
Si7629DN
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
16
32
48
64
80
0.0
0.5
1.0
1.5
2.0
2.5
VGS =10 V thru 3V
VGS =2V
V
DS - Drain-to-Source Voltage (V)
0.000
0.004
0.008
0.012
0.016
0.020
0
16324864
80
VGS =10V
VGS =2.5 V
VGS =4.5 V
I
D - Drain Current (A)
0
2
4
6
8
10
0
255075
100
125
ID =10A
VDS =10V
VDS =20V
VDS =15V
Q
g - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.6
1.2
1.8
2.4
3.0
TC = 25 °C
TC = 125 °C
TC = - 55 °C
V
GS - Gate-to-Source Voltage (V)
0
1700
3400
5100
6800
8500
0
5
10
15
20
Ciss
Crss
Coss
V
DS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
ID =20A
VGS =10V
VGS =2.5 V
T
J - Junction Temperature (°C)


Similar Part No. - SI7629DN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7629DN VISHAY-SI7629DN_V01 Datasheet
577Kb / 13P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7629DN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com