Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BB555 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BB555
Description  Silicon Tuning Diode (For UHF-TV-tuners High capacitance ratio Low series inductance)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BB555 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BB 555
Semiconductor Group
Jul-28-1998
3
Diode capacitance
CT = f (VR)
f = 1MHz
0
5
10
15
20
V
30
VR
0
2
4
6
8
10
12
14
16
pF
20
CT
Temperature coefficient of the diode
capacitance
TCc = f (VR)
10
0
10
1
10
2
V
VR
-5
10
-4
10
-3
10
1/°C
TCc
Reverse current
IR = f (TA)
VR = 28V
-30
-10
10
30
50
70
°C
100
TA
0
10
1
10
2
10
3
10
pA
IR
Reverse current
IR = f (VR)
TA = Parameter
10
0
10
1
10
2
V
VR
-1
10
0
10
1
10
2
10
3
10
pA
IR
25°C
85°C
Semiconductor Group
3
1998-11-01


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BB565Silicon Variable Capacitance Diode For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 4 Siemens Semiconductor Group
BB857Silicon Tuning Diode For SAT-indoor-units High capacitance ratio Low series inductance 1 2 3 Siemens Semiconductor Group
BB659Silicon Tuning Diode For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB689Silicon Tuning Diode For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BBY57-02WSilicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance High capacitance ratio 1 2 3 Siemens Semiconductor Group
BB644Silicon Variable Capacitance Diode For VHF TV-tuners High capacitance ratio Low series inductance 1 2 3 Siemens Semiconductor Group
BB659CSilicon Variable Capacitance Diode For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB664Silicon Variable Capacitance Diode For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB669Silicon Tuning Diode For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series resistance 1 2 3 Siemens Semiconductor Group
BB545Silicon Tuning Diode For tuning UHF and VHF TV Tuners Large capacitance ratio low series resistance 1 2 3 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn