Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7270DP-T1-GE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7270DP-T1-GE3
Description  Dual N-Channel 30 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7270DP-T1-GE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7270DP-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI7270DP-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7270DP-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7270DP-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7270DP-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7270DP-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7270DP-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7270DP-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7270DP-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
Si7270DP
New Product
Document Number: 66817
S10-2010-Rev. A, 06-Sep-10
www.vishay.com
1
Dual N-Channel 30 V (D-S) MOSFET
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
• PWM Optimized
• 100 % Rg Tested
• 100 % UIS Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Fixed Telecom
- Server
Synchronous Converter
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. See solder profile (www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
d. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
e. Maximum under steady state conditions is 80 °C/W.
f. Package limited.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
f
Qg (Typ.)
30
0.021 at VGS = 10 V
8
6.6
0.025 at VGS = 4.5 V
8
Ordering Information: Si7270DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S1
G1
S2
G2
D1
D1
D2
D2
6.15 mm
5.15 mm
Bottom View
PowerPAK® SO-8
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
8f
A
TC = 70 °C
8f
TA = 25 °C
8 a, b, f
TA = 70 °C
8a, b
Pulsed Drain Current (300 µs)
IDM
35
Source-Drain Current Diode Current
TC = 25 °C
IS
8f
TA = 25 °C
3.0a, b
Single Pulse Avalanche Current
L = 0.1 mH
IAS
15
Avalanche Energy
EAS
11.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
17.8
W
TC = 70 °C
11.4
TA = 25 °C
3.6a, b
TA = 70 °C
2.3a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)c, d
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambienta, e
t
≤ 10 s
RthJA
28
35
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
5.5
7.0


Similar Part No. - SI7270DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7270DP VISHAY-SI7270DP Datasheet
336Kb / 13P
   Dual N-Channel 30 V (D-S) MOSFET
08-Feb-17
SI7270DP VISHAY-SI7270DP_V01 Datasheet
336Kb / 13P
   Dual N-Channel 30 V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI7270DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com