Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6423DQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI6423DQ
Description  P-Channel 12-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6423DQ Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6423DQ Datasheet HTML 1Page - Vishay Siliconix SI6423DQ Datasheet HTML 2Page - Vishay Siliconix SI6423DQ Datasheet HTML 3Page - Vishay Siliconix SI6423DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si6423DQ
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
0.73
V
On-State Drain Current
a
ID(on)
VDS = −5 V, VGS = −4.5 V
468
A
VGS = −4.5 V, ID = −9.5 A
0.0069
0.0068
VGS = −2.5 V, ID = −8.5 A
0.0085
0.0085
Drain-Source On-State Resistance
a
rDS(on)
VGS = −1.8 V, ID = −7.5 A
0.011
0.0112
Forward Transconductance
a
gfs
VDS = −15 V, ID = −9.5 A
30
45
S
Diode Forward Voltage
a
VSD
IS = −1.3 A, VGS = 0 V
−0.80
−0.58
V
Dynamic
b
Total Gate Charge
Qg
59
74
Gate-Source Charge
Qgs
9
9
Gate-Drain Charge
Qgd
VDS = −6 V, VGS = −5 V, ID = −9.5 A
19
19
nC
Turn-On Delay Time
td(on)
53
50
Rise Time
tr
58
75
Turn-Off Delay Time
td(off)
270
270
Fall Time
tf
VDD = −6 V, RL = 6 Ω
ID ≅ −1 A, VGEN = −10 V, RG = 6 Ω
102
200
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 72327
S-52526
Rev. B, 12-Dec-05


Similar Part No. - SI6423DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SI6423DQ VISHAY-SI6423DQ Datasheet
210Kb / 11P
   P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI6423DQ-T1-E3 VBSEMI-SI6423DQ-T1-E3 Datasheet
978Kb / 8P
   P-Channel 20-V (G-S) MOSFET
logo
Vishay Siliconix
SI6423DQ VISHAY-SI6423DQ_V01 Datasheet
210Kb / 11P
   P-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI6423DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com