Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5944DU-T1-GE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI5944DU-T1-GE3
Description  Dual N-Channel 40-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5944DU-T1-GE3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI5944DU-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI5944DU-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 73203
www.vishay.com
19-Jul-10
1
Package Information
Vishay Siliconix
PowerPAK® ChipFET® SINGLE PAD
Z
D
E
C
A
b
e
H
E2
D2
K
L
K1
E3
D3
A1
S (5)
D (6)
D (7)
D (8)
D (1)
D (2)
D (3)
G (4)
D (2)
D (1)
D (3)
G (4)
D (8)
D (7)
D (6)
S (5)
DETAIL Z
Backside view of single pad
MILLIMETERS
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.70
0.75
0.85
0.028
0.030
0.033
A1
0
-
0.05
0
-
0.002
b
0.25
0.30
0.35
0.010
0.012
0.014
C
0.15
0.20
0.25
0.006
0.008
0.010
D
2.92
3.00
3.08
0.115
0.118
0.121
D2
1.75
1.87
2.00
0.069
0.074
0.079
D3
0.20
0.25
0.30
0.008
0.010
0.012
E
1.82
1.90
1.98
0.072
0.075
0.078
E2
1.38
1.50
1.63
0.054
0.059
0.064
E3
0.45
0.50
0.55
0.018
0.020
0.022
e
0.65 BSC
0.026 BSC
H
0.15
0.20
0.25
0.006
0.008
0.010
K
0.25
-
-
0.010
-
-
K1
0.30
-
-
0.012
-
-
L
0.30
0.35
0.40
0.012
0.014
0.016


Similar Part No. - SI5944DU-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5941DU VISHAY-SI5941DU Datasheet
138Kb / 3P
   Dual P-Channel 8-V (D-S) MOSFET
Rev. A, 03-Oct-05
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI5943DU VISHAY-SI5943DU Datasheet
108Kb / 7P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI5943DU VISHAY-SI5943DU_V01 Datasheet
108Kb / 7P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI5945DU VISHAY-SI5945DU Datasheet
135Kb / 3P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 03-Oct-05
More results

Similar Description - SI5944DU-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com