Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4992EY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4992EY
Description  Dual N-Channel 75-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4992EY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4992EY Datasheet HTML 1Page - Vishay Siliconix SI4992EY Datasheet HTML 2Page - Vishay Siliconix SI4992EY Datasheet HTML 3Page - Vishay Siliconix SI4992EY Datasheet HTML 4Page - Vishay Siliconix SI4992EY Datasheet HTML 5Page - Vishay Siliconix SI4992EY Datasheet HTML 6Page - Vishay Siliconix SI4992EY Datasheet HTML 7Page - Vishay Siliconix SI4992EY Datasheet HTML 8Page - Vishay Siliconix SI4992EY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 73082
S09-1341-Rev. C, 13-Jul-09
Vishay Siliconix
Si4992EY
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
13
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 75 V, VGS = 0 V
1
µA
VDS = 75 V, VGS = 0 V, TJ = 85 °C
20
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 4.8 A
0.039
0.048
Ω
VGS = 4.5 V, ID = 4.2 A
0.050
0.062
Forward Transconductancea
gfs
VDS = 15 V, ID = 4.8 A
16
S
Diode Forward Voltagea
VSD
IS = 2.4 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 38 V, VGS = 10 V, ID = 4.8 A
14
21
nC
Gate-Source Charge
Qgs
2.4
Gate-Drain Charge
Qgd
3.5
Gate Resistance
Rg
f = 1 MHz
3.6
Ω
Turn-On Delay Time
td(on)
VDD = 38 V, RL = 38 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
715
ns
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
22
35
Fall Time
tf
10
15
Source-Drain Reverse Recovery Time
trr
IF = 2.4 A, dI/dt = 100 A/µs
25
50
Output Characteristics
0
4
8
12
16
20
0
1234
5
VGS = 10 V thru 4 V
3V
VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
0
4
8
12
16
20
0
1234
5
TC = 150 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI4992EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4992EY VISHAY-SI4992EY Datasheet
64Kb / 5P
   Dual N-Channel 75-V (D-S) MOSFET
Rev. A, 06-Sep-04
SI4992EY VISHAY-SI4992EY Datasheet
116Kb / 6P
   Dual N-Channel 75-V (D-S) MOSFET
01-Jan-2022
SI4992EY VISHAY-SI4992EY_V01 Datasheet
116Kb / 6P
   Dual N-Channel 75-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4992EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4992EY VISHAY-SI4992EY_V01 Datasheet
116Kb / 6P
   Dual N-Channel 75-V (D-S) MOSFET
01-Jan-2022
SI4992EY VISHAY-SI4992EY Datasheet
64Kb / 5P
   Dual N-Channel 75-V (D-S) MOSFET
Rev. A, 06-Sep-04
SIS902DN VISHAY-SIS902DN Datasheet
98Kb / 8P
   Dual N-Channel 75-V (D-S) MOSFET
Rev. A, 20-Apr-09
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Analog Power
AM230N07-03B ANALOGPOWER-AM230N07-03B Datasheet
334Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-04B ANALOGPOWER-AM90N07-04B Datasheet
364Kb / 5P
   N-Channel 75-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com