Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4948BEY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4948BEY
Description  Dual P-Channel 60-V (D-S) 175 Celsius MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4948BEY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4948BEY Datasheet HTML 1Page - Vishay Siliconix SI4948BEY Datasheet HTML 2Page - Vishay Siliconix SI4948BEY Datasheet HTML 3Page - Vishay Siliconix SI4948BEY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Vishay Siliconix
SPICE Device Model Si4948BEY
www.vishay.com
Document Number: 72872
S-52399
Rev. B, 21-Nov-05
COMPARISON OF MODEL WITH MEASURED DATA (TJ=25°C UNLESS OTHERWISE NOTED)


Similar Part No. - SI4948BEY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4948BEY VISHAY-SI4948BEY Datasheet
72Kb / 5P
   Dual P-Channel 60-V (D-S) 175 MOSFET
Rev. A, 15-Mar-04
logo
SHENZHEN DOINGTER SEMIC...
SI4948BEY DOINGTER-SI4948BEY Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4948BEY VISHAY-SI4948BEY Datasheet
166Kb / 8P
   Dual P-Channel 60-V (D-S) 175째 MOSFET
01-Jan-2022
logo
Guangdong Youtai Semico...
SI4948BEY UMW-SI4948BEY Datasheet
320Kb / 7P
   Dual P-Channel MOSFET
logo
Vishay Siliconix
SI4948BEY-E3 VISHAY-SI4948BEY-E3 Datasheet
72Kb / 5P
   Dual P-Channel 60-V (D-S) 175 MOSFET
Rev. A, 15-Mar-04
More results

Similar Description - SI4948BEY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90P06-09L VISHAY-SUP90P06-09L_06 Datasheet
203Kb / 4P
   P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 02-Jan-06
SUM110P06-08L VISHAY-SUM110P06-08L_06 Datasheet
200Kb / 4P
   P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 01-May-06
SI4948BEY VISHAY-SI4948BEY Datasheet
72Kb / 5P
   Dual P-Channel 60-V (D-S) 175 MOSFET
Rev. A, 15-Mar-04
SUP40N25-60 VISHAY-SUP40N25-60_07 Datasheet
199Kb / 4P
   N-Channel 250-V (D-S) 175 Celsius MOSFET
Rev. B, 23-Jul-07
SUM110P06-07L VISHAY-SUM110P06-07L_15 Datasheet
174Kb / 9P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. D, 08-Jun-15
SI4948EY VISHAY-SI4948EY Datasheet
56Kb / 4P
   Dual P-Channel 60-V (D-S), 175C MOSFET
Rev. E, 29-Nov-99
SUM55P06-19L VISHAY-SUM55P06-19L_17 Datasheet
137Kb / 8P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. D, 24-Dec-12
SUD17N25-165 VISHAY-SUD17N25-165_11 Datasheet
71Kb / 4P
   N-Channel 250 V (D-S) 175 Celsius MOSFET
Rev. C, 14-Feb-11
SUP28N15-52 VISHAY-SUP28N15-52_07 Datasheet
201Kb / 4P
   N-Channel 150-V (D-S) 175 Celsius MOSFET
Rev. B, 30-Jul-07
SUM70N04-07L VISHAY-SUM70N04-07L_08 Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
Rev. B, 11-Feb-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com