Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4838BDY-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4838BDY-T1-GE3
Description  N-Channel 12-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4838BDY-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4838BDY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4838BDY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4838BDY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4838BDY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4838BDY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4838BDY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4838BDY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4838BDY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4838BDY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 68964
S-82662-Rev. A, 03-Nov-08
Vishay Siliconix
Si4838BDY
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
12
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
12
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 3.2
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.4
1.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 12 V, VGS = 0 V
1
µA
VDS = 12 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 15 A
0.0021
0.0027
Ω
VGS = 2.5 V, ID = 12 A
0.0025
0.0032
VGS = 1.8 V, ID = 10 A
0.0031
0.0040
Forward Transconductancea
gfs
VDS = 15 V, ID = 15 A
105
S
Dynamicb
Input Capacitance
Ciss
VDS = 6 V, VGS = 0 V, f = 1 MHz
5760
pF
Output Capacitance
Coss
1730
Reverse Transfer Capacitance
Crss
1145
Total Gate Charge
Qg
VDS = 6 V, VGS = 4.5 V, ID = 10 A
56
84
nC
VDS = 6 V, VGS = 2.5 V, ID = 10 A
33
50
Gate-Source Charge
Qgs
5.9
Gate-Drain Charge
Qgd
12.5
Gate Resistance
Rg
f = 1 MHz
0.2
0.65
1.3
Ω
Turn-On Delay Time
td(on)
VDD = 6 V, RL = 0.6 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
25
50
ns
Rise Time
tr
29
55
Turn-Off Delay Time
td(off)
140
240
Fall Time
tf
35
65
Turn-On Delay Time
td(on)
VDD = 6 V, RL = 0.6 Ω
ID ≅ 10 A, VGEN = 8 V, Rg = 1 Ω
12
24
Rise Time
tr
13
26
Turn-Off Delay Time
td(off)
56
100
Fall Time
tf
10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
5.1
A
Pulse Diode Forward Currenta
ISM
70
Body Diode Voltage
VSD
IS = 3 A
0.60
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
52
100
ns
Body Diode Reverse Recovery Charge
Qrr
40
80
nC
Reverse Recovery Fall Time
ta
21
ns
Reverse Recovery Rise Time
tb
31


Similar Part No. - SI4838BDY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4838BDY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com