Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYH82N120C3 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXYH82N120C3
Description  1200V XPT IGBT GenX3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH82N120C3 Datasheet(HTML) 6 Page - IXYS Corporation

  IXYH82N120C3 Datasheet HTML 1Page - IXYS Corporation IXYH82N120C3 Datasheet HTML 2Page - IXYS Corporation IXYH82N120C3 Datasheet HTML 3Page - IXYS Corporation IXYH82N120C3 Datasheet HTML 4Page - IXYS Corporation IXYH82N120C3 Datasheet HTML 5Page - IXYS Corporation IXYH82N120C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYH82N120C3
IXYS REF: IXY_82N120C3(8M)05-10-11
Fig. 19. Inductive Turn-on Switching Times vs.
Collector Current
20
40
60
80
100
120
140
40
50
60
70
80
90
100
IC - Amperes
0
10
20
30
40
50
60
t r i
td(on) - - - -
RG = 2, VGE = 15V
VCE = 600V
TJ = 25ºC
TJ = 125ºC
Fig. 20. Inductive Turn-on Switching Times vs.
Junction Temperature
0
20
40
60
80
100
120
140
25
50
75
100
125
TJ - Degrees Centigrade
22
24
26
28
30
32
34
36
t r i
td(on) - - - -
RG = 2, VGE = 15V
VCE = 600V
I C = 80A
I C = 40A
Fig. 18. Inductive Turn-on Switching Times vs.
Gate Resistance
0
20
40
60
80
100
120
140
160
2
4
6
8
101214
1618
RG - Ohms
20
25
30
35
40
45
50
55
60
t r i
td(on) - - - -
TJ = 125ºC, VGE = 15V
VCE = 600V
I C = 40A
I C = 80A


Similar Part No. - IXYH82N120C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH80N90C3 IXYS-IXYH80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYH80N90C3 IXYS-IXYH80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYH8N250CHV IXYS-IXYH8N250CHV Datasheet
255Kb / 6P
   High Voltage XPT IGBT
IXYH8N250CV1HV IXYS-IXYH8N250CV1HV Datasheet
220Kb / 7P
   High Voltage XPTTM IGBT w/ Diode
More results

Similar Description - IXYH82N120C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH40N120C3 IXYS-IXYH40N120C3 Datasheet
173Kb / 6P
   1200V XPT IGBT GenX3
IXYH50N120C3 IXYS-IXYH50N120C3 Datasheet
176Kb / 6P
   1200V XPT IGBT GenX3
IXGA20N120B3 IXYS-IXGA20N120B3 Datasheet
218Kb / 6P
   GenX3 1200V IGBT
IXGH50N120C3 IXYS-IXGH50N120C3 Datasheet
176Kb / 6P
   GenX3 1200V IGBT
IXGH24N120C3H1 IXYS-IXGH24N120C3H1 Datasheet
146Kb / 6P
   GenX3 1200V IGBT
IXGH30N120B3D1 IXYS-IXGH30N120B3D1 Datasheet
221Kb / 7P
   GenX3 1200V IGBT
IXGA24N120C3 IXYS-IXGA24N120C3 Datasheet
196Kb / 6P
   GenX3 1200V IGBT
IXGH30N120C3H1 IXYS-IXGH30N120C3H1 Datasheet
188Kb / 6P
   GenX3 1200V IGBT
IXGH40N120C3 IXYS-IXGH40N120C3 Datasheet
177Kb / 6P
   GenX3 1200V IGBT
IXGH32N120A3 IXYS-IXGH32N120A3 Datasheet
202Kb / 6P
   GenX3 1200V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com