Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPFJ125 Datasheet(PDF) 4 Page - Littelfuse

Part # SPFJ125
Description  SPFJ SERIES FUSE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPFJ125 Datasheet(HTML) 4 Page - Littelfuse

  SPFJ125 Datasheet HTML 1Page - Littelfuse SPFJ125 Datasheet HTML 2Page - Littelfuse SPFJ125 Datasheet HTML 3Page - Littelfuse SPFJ125 Datasheet HTML 4Page - Littelfuse SPFJ125 Datasheet HTML 5Page - Littelfuse SPFJ125 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© JUNE 2011 Littelfuse POWR-GARD Products
www.littelfuse.com
POWR-GARD® Fuse Datasheet
4
For fuseholder information, drawings and specifications visit www.littelfuse.com/solar
RECOmmENDED TORQUE vAlUES FOR BUSS BAR mOUNTINg FUSE
ORDERINg NUmBER
FUSE TORQUE–mETRIC (STANDARD)
HARDWARE SIzE–mETRIC (STANDARD)*
SPFJ125.X
7.3 N•m (65 in-lb)
6mm (1/4 -20)
SPFJ160.X
7.3 N•m (65 in-lb)
6mm (1/4 -20)
SPFJ200.X
7.3 N•m (65 in-lb)
6mm (1/4 -20)
SPFJ250.X
19.2 N•m (170 in-lb)
10mm (3/8 -16)
SPFJ300.X
19.2 N•m (170 in-lb)
10mm (3/8 -16)
SPFJ350.X
19.2 N•m (170 in-lb)
10mm (3/8 -16)
SPFJ400.X
19.2 N•m (170 in-lb)
10mm (3/8 -16)
SPFJ450.X
19.2 N•m (170 in-lb)
12mm (7/16 -14)
Recommended Torque Values For Buss Bar Mounting
SPFJ SERIES FUSE
* Recommended minimum hardware grade 2 or class 5.8


Similar Part No. - SPFJ125

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SPF WELWYN-SPF Datasheet
629Kb / 2P
   General-Purpose Failsafe Moulded Wirewound Resistors
logo
Crydom Inc.,
SPF CRYDOM-SPF Datasheet
477Kb / 4P
   PCB Mount
SPF CRYDOM-SPF Datasheet
625Kb / 5P
   PCB Mount
logo
Littelfuse
SPF LITTELFUSE-SPF Datasheet
462Kb / 6P
   SPF SERIES SOLAR FUSES
Rev: 113021
logo
List of Unclassifed Man...
SPF-01T-2.5C ETC2-SPF-01T-2.5C Datasheet
232Kb / 8P
   Crimping tools and machines
More results

Similar Description - SPFJ125

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0203.250HXG LITTELFUSE-0203.250HXG Datasheet
163Kb / 3P
   203 Series Fuse
SPNH200.X LITTELFUSE-SPNH200.X Datasheet
815Kb / 11P
   POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
Rev: 2-B-083021
logo
Bel Fuse Inc.
3AG BEL-3AG Datasheet
402Kb / 2P
   Fast Blow Fuse Series
5MT BEL-5MT_13 Datasheet
1Mb / 4P
   MEDIUM BLOW FUSE SERIES
logo
Littelfuse
SPXV006.T LITTELFUSE-SPXV006.T Datasheet
317Kb / 3P
   SPXV SERIES SOLAR FUSE
logo
Bel Fuse Inc.
GSA63 BEL-GSA63 Datasheet
90Kb / 2P
   Slow Blow Fuse Series
5MT BEL-5MT Datasheet
94Kb / 2P
   Medium Blow Fuse Series
logo
Littelfuse
0451.160NRL LITTELFUSE-0451.160NRL Datasheet
1Mb / 4P
   451/453 Series Fuse
logo
Bel Fuse Inc.
5MF BEL-5MF_13 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
2JQ BEL-2JQ_16 Datasheet
1Mb / 4P
   Quick Acting Fuse Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com