Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRN3015-1R5Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRN3015-1R5Y
Description  Semi-shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN3015-1R5Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRN3015-1R5Y Datasheet HTML 1Page - Bourns Electronic Solutions SRN3015-1R5Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Semi-shielded construction
Miniature size
Component height 1.5 mm
Inductance range: 1 to 100 µH
Rated current up to 2.35 A
RoHS compliant* and halogen free**
Applications
DC/DC converters
Notebook computers
Digital video cameras
HDDs
Cell phones
Televisions, LCD displays
SRN3015 Series - Semi-shielded Power Inductors
* RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br ) content is 900 ppm or less;
(b) the Chlorine ( Cl ) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine ( Cl ) content is 1500 ppm or less.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Operating Temperature
................................. -40 °C to +125 °C
(Temperature rise included)
Storage Temperature .... -40 °C to +85 °C
Resistance to Solder Heat
...............................+260 °C for 10 sec.
Temperature Rise .... 40 °C at rated Irms
Rated Current
........... Inductance drops 30 % at Isat
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
@ 0.1 V / 1 MHz
DCR
(
Ω)
Max.
SRF (MHz)
Min.
Irms
(A)
Isat
(A)
L (
μH)
Tol. %
SRN3015-1R0Y
1.0
± 30
0.048
145
2.35
2.35
SRN3015-1R5Y
1.5
± 30
0.066
130
2.10
2.00
SRN3015-2R2M
2.2
± 20
0.072
90
1.80
1.65
SRN3015-3R3M
3.3
± 20
0.112
75
1.60
1.40
SRN3015-4R7M
4.7
± 20
0.136
65
1.40
1.20
SRN3015-6R8M
6.8
± 20
0.211
50
1.10
1.05
SRN3015-100M
10
± 20
0.276
45
1.00
0.88
SRN3015-150M
15
± 20
0.422
33
0.80
0.68
SRN3015-180M
18
± 20
0.546
30
0.65
0.62
SRN3015-220M
22
± 20
0.622
28
0.60
0.58
SRN3015-330M
33
± 20
0.959
22
0.50
0.46
SRN3015-470M
47
± 20
1.406
18
0.40
0.38
SRN3015-101M
100
± 20
2.920
11
0.29
0.27
General Specifications
Core..............................................Ferrite
Wire ........................... Enameled copper
Terminal Finish....................................Sn
Coating ................ Magnetic epoxy resin
Packaging.......2000 pcs. per 7-inch reel
Materials
Product Dimensions
Recommended Layout
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
How to Order
SRN3015 - 100M
Model
Value Code (see table)
Soldering Profile
100
0
50
50
150
250
200
Rising Area
Temperature
±3.0 °C/sec. max.
Forced Cooling Area
6.0
/ sec max.
°C
PeakTemperature:
Time (Seconds)
100
150
200
40~90 sec.max.
250 °C +5/-10 °C, 5 sec. max.
150 ~ 200 °C / 60 - 180 sec.
Preheat Area
+1.5 ~ 3.0 °C
Reflow Area
250
217 °C
Peak Temperature: 255 ° max.
Maximum Time Above 217 °C: 90 seconds
3.0 ± 0.1
(.118 ± .004)
0.9 ± 0.2
(.035 ± .008)
0.9 ± 0.2
(.035 ± .008)
1.2 ± 0.2
(.047 ± .008)
3.0 ± 0.1
(.118 ± .004)
MAX.
1.5
(.059)
2.7
(.106)
TYP.
1.0
(.039)
1.0
(.039)
1.2
(.047)
2.7
(.106)
1R0


Similar Part No. - SRN3015-1R5Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN3015C BOURNS-SRN3015C Datasheet
619Kb / 5P
   SRN3015C Series – Semi-Shielded Power Inductors
05/17/18R
SRN3015C-100M BOURNS-SRN3015C-100M Datasheet
619Kb / 5P
   SRN3015C Series – Semi-Shielded Power Inductors
05/17/18R
SRN3015C-101M BOURNS-SRN3015C-101M Datasheet
619Kb / 5P
   SRN3015C Series – Semi-Shielded Power Inductors
05/17/18R
SRN3015C-150M BOURNS-SRN3015C-150M Datasheet
619Kb / 5P
   SRN3015C Series – Semi-Shielded Power Inductors
05/17/18R
SRN3015C-180M BOURNS-SRN3015C-180M Datasheet
619Kb / 5P
   SRN3015C Series – Semi-Shielded Power Inductors
05/17/18R
More results

Similar Description - SRN3015-1R5Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
   Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
   Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
   Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
   Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
   Semi-shielded Power Inductors
Mar 31, 2015
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
   Semi-shielded Power Inductors
SRN3010-100M BOURNS-SRN3010-100M Datasheet
306Kb / 2P
   Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
   Semi-shielded Power Inductors
SRN4018TA BOURNS-SRN4018TA Datasheet
823Kb / 3P
   Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
   Semi-shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com