Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8596CDT Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8596CDT
Description  Single-Rail ARINC 429 Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8596CDT Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8596CDT Datasheet HTML 1Page - Holt Integrated Circuits HI-8596CDT Datasheet HTML 2Page - Holt Integrated Circuits HI-8596CDT Datasheet HTML 3Page - Holt Integrated Circuits HI-8596CDT Datasheet HTML 4Page - Holt Integrated Circuits HI-8596CDT Datasheet HTML 5Page - Holt Integrated Circuits HI-8596CDT Datasheet HTML 6Page - Holt Integrated Circuits HI-8596CDT Datasheet HTML 7Page - Holt Integrated Circuits HI-8596CDT Datasheet HTML 8Page - Holt Integrated Circuits HI-8596CDT Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HI-8596
HOLT INTEGRATED CIRCUITS
3
PIN DESCRIPTIONS
Table 2. Pin Descriptions
Pin
Function Description
SLP
INPUT
Output slew rate control. High selects ARINC 429 high-speed. Low selects
ARINC 429 low-speed.
TX0IN
INPUT
Data input zero
TX1IN
INPUT
Data input one
V
DD
POWER
+3.3V power supply
GND
POWER
Ground supply
V
DD2+
OUTPUT Voltage doubler positive output (~6.6V for 3.3V supply)
CP+
ANALOG V
DD2+ flyback capacitor, CFLY; positive terminal
CP-
ANALOG V
DD2+ flyback capacitor, CFLY; negative terminal
V
DD2-
OUTPUT Voltage doubler negative output (~ -6.6V for 3.3V supply)
CN+
ANALOG V
DD2- flyback capacitor, CFLY; positive terminal
CN-
ANALOG V
DD2- flyback capacitor, CFLY; negative terminal
TXAOUT
OUTPUT ARINC high output with 37.5 Ohms series resistance
AMPA
OUTPUT ARINC high output with 5 Ohms series resistance
TXBOUT
OUTPUT ARINC low output with 37.5 Ohms series resistance
AMPB
OUTPUT ARINC low output with 5 Ohms series resistance


Similar Part No. - HI-8596CDT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
More results

Similar Description - HI-8596CDT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8592 HOLTIC-HI-8592 Datasheet
1Mb / 13P
   Single-Rail ARINC 429 Differential Line Driver
HI-8592 HOLTIC-HI-8592_16 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
HI-8592 HOLTIC-HI-8592_13 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI5090 DEIAZ-DEI5090 Datasheet
285Kb / 10P
   SINGLE-RAIL ARINC 429 LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com