Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4724 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI4724
Description  N-Channel Synchronous MOSFETs With Break-Before-Make
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4724 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4724 Datasheet HTML 1Page - Vishay Siliconix SI4724 Datasheet HTML 2Page - Vishay Siliconix SI4724 Datasheet HTML 3Page - Vishay Siliconix SI4724 Datasheet HTML 4Page - Vishay Siliconix SI4724 Datasheet HTML 5Page - Vishay Siliconix SI4724 Datasheet HTML 6Page - Vishay Siliconix SI4724 Datasheet HTML 7Page - Vishay Siliconix SI4724 Datasheet HTML 8Page - Vishay Siliconix SI4724 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 71863
S11-1185-Rev. F, 13-Jun-11
Vishay Siliconix
Si4724
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION CIRCUIT
PIN CONFIGURATION
Figure 1.
MOSFET
Drive Circuitry
with
Break-Before-
Make
Si4724
CBOOT
CBOOT
D1
S1
D2
S2
VDD
SYNC EN
IN
GND
+
VOUT
GND
DC-DC
Controller
0 V to 30 V
5 V
GND
Q1
Q2
Power Up Sequence:
Ensure VDD is within spec before allowing IN or SYNC EN to be set high.
Power Down Sequence:
Ensure IN and SYNC EN are low before turning VDD off.
13
SO-16
14
15
16
2
3
4
1
10
11
12
5
6
7
9
8
Top View
D1
S1
D1
S1
GND
CBOOT
IN
VDD
SYNC EN
S2
S2
D2
D2
D2
S2
D2
Ordering Information: Si4724CY-T1
Si4724CY-T1-E3 (Lead (Pb)-free)
TRUTH TABLE
Sync EN
CLK
Q1
Q2
HH
ON
OFF
HL
OFF
ON
LH
ON
OFF
LL
OFF
OFF
PIN DESCRIPTION
Pin
Number
Symbol
Description
1, 2
D1
Highside MOSFET Drain
3
GND
Ground
4
IN
Input Logic Signal
5
SYNC EN Synchronous Enable
6, 7, 8
S2
Lowside MOSFET Source
9, 10, 11, 12
D2
Lowside MOSFET Drain
13
VDD
Logic Supply, decoupling to GND with
a cap is strongly recommended.
14
CBOOT
Bootstrap Capacitor for Upper
MOSFET
15, 16
S1
Highside MOSFET Source


Similar Part No. - SI4724

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4724 VISHAY-SI4724 Datasheet
176Kb / 11P
   N-Channel Synchronous MOSFETs With Break-Before-Make
02-Oct-12
SI4724CY VISHAY-SI4724CY Datasheet
70Kb / 8P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. D, 19-May-03
SI4724CY VISHAY-SI4724CY Datasheet
413Kb / 8P
   N-Channel Synchronous MOSFETs
Rev. B, 14-Mar-05
SI4724CY VISHAY-SI4724CY_05 Datasheet
413Kb / 8P
   N-Channel Synchronous MOSFETs
Rev. B, 14-Mar-05
SI4724 VISHAY-SI4724_V01 Datasheet
176Kb / 11P
   N-Channel Synchronous MOSFETs With Break-Before-Make
02-Oct-12
More results

Similar Description - SI4724

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4724CY VISHAY-SI4724CY Datasheet
70Kb / 8P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. D, 19-May-03
SI4726CY VISHAY-SI4726CY Datasheet
72Kb / 9P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. C, 03-Feb-03
SI4728CY VISHAY-SI4728CY Datasheet
77Kb / 9P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. C, 03-Feb-03
SI4724 VISHAY-SI4724_V01 Datasheet
176Kb / 11P
   N-Channel Synchronous MOSFETs With Break-Before-Make
02-Oct-12
SIP41101 VISHAY-SIP41101 Datasheet
102Kb / 6P
   Half-Bridge N-Channel MOSFET Driver With Break-Before-Make
Rev. A, 11-Aug-03
logo
Pasternack Enterprises,...
PE71S6131 PASTERNACK-PE71S6131 Datasheet
432Kb / 4P
   Switching Sequence Break Before Make
PE71S6130 PASTERNACK-PE71S6130 Datasheet
455Kb / 4P
   Switching Sequence Break Before Make
PE71S6128 PASTERNACK-PE71S6128 Datasheet
464Kb / 4P
   Switching Sequence Break Before Make
PE71S6132 PASTERNACK-PE71S6132 Datasheet
492Kb / 4P
   Switching Sequence Break Before Make
PE71S6129 PASTERNACK-PE71S6129 Datasheet
462Kb / 4P
   Switching Sequence Break Before Make
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com